Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6654EU Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6654EU
Description  High Efficiency 800mA Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6654EU Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6654EU Datasheet HTML 9Page - Sipex Corporation SP6654EU Datasheet HTML 10Page - Sipex Corporation SP6654EU Datasheet HTML 11Page - Sipex Corporation SP6654EU Datasheet HTML 12Page - Sipex Corporation SP6654EU Datasheet HTML 13Page - Sipex Corporation SP6654EU Datasheet HTML 14Page - Sipex Corporation SP6654EU Datasheet HTML 15Page - Sipex Corporation SP6654EU Datasheet HTML 16Page - Sipex Corporation SP6654EU Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Date: 2/1/05
SP6654 High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2005 Sipex Corporation
APPLICATION INFORMATION
Output Voltage Program
The output voltage is programmed by the external
divider, as shown in the typical application circuit
on page 1. First pick a value for RI that is no larger
than 300K. Too large a value of RI will reduce the
AC voltage seen by the loop comparator since the
internal FB pin capacitance can form a low pass
filter with RF in parallel with RI. The formula for
RF with a given RI and output voltage is:
RF = (
VOUT
- 1 ) • RI
0.8V
Output Voltage Ripple Frequency
An important consideration in a power supply
application is the frequency value of the output
ripple. Given the control technique of the SP6654
(as described in the operations section), the
frequency of the output ripple will vary when in
light to moderate load in the discontinuous or
PFM mode. For moderate to heavy loads greater
than about 100mA inductor current ripple, (for
the typical 10
µH inductor application on 100mA
is half the 200mA inductor current ripple), the
output ripple frequency will be fairly constant.
From the operations section, this maximum loop
frequency in continuous conduction mode is:
1
VOUT
(VIN - VOUT)
FLP ≈
KON
*
VIN
*
Data for loop frequency, as measured from
output voltage ripple frequency, can be found in
the typical performance curves.
Layout Considerations
Proper layout of the power and control circuits is
necessary in a switching power supply to obtain
good output regulation with stability and a mini-
mum of output noise. The SP6654 application
circuit can be made very small and reside close to
the IC for best performance and solution size, as
long as some layout techniques are taken into
consideration. To avoid excessive interference
between the SP6654 high frequency converter and
INDUCTORS SURFACE MOUNT
Inductor Specification
Inductance
Manufacturer/Part No.
Series R Ω
I
SAT (A)
Size
Inductor Type
Manufacturer
(µH)
LxW(mm)
Ht. (mm)
Website
10
Sumida CDRH5D28-100
0.048
1.30
5.7 x 5.5
3.0
Shielded Ferrite Core
sumida.com
10
TDK RLF5018T-100MR94
0.056
0.94
5.6 x 5.2
2.0
Shielded Ferrite Core
tdk.com
10
Coilcraft DO1608C-103
0.160
1.10
6.6 x 4.5
2.9
Unshielded Ferrite Core coilcraft.com
10
Coilcraft LPO6013-103
0.300
0.70
6.0 x 5.4
1.3
Unshielded Ferrite Core coilcraft.com
6.8
Sumida CDRH5D28-6R8
0.081
1.12
4.7 x 4.5
3.0
Shielded Ferrite Core
sumida.com
6.8
TDK RLF5018T-6R8M1R1
0.47
1.10
5.6 x 5.2
2.0
Shielded Ferrite Core
tdk.com
6.8
Coilcraft DO1608C-682
0.130
1.20
6.6 x 4.5
2.9
Unshielded Ferrite Core coilcraft.com
6.8
Coilcraft LPO6013-103
0.200
0.60
6.0 x 5.4
1.3
Unshielded Ferrite Core coilcraft.com
CAPACITORS - SURFACE MOUNT
Capacitor Specification
Capacitance
Manufacturer/Part No.
ESR
RippleCurrent
Size
Voltage
Capacitor Type
Manufacturer
(µF)
Ω (max)
(A) @ 45°C
LxW(mm) Ht. (mm)
(V)
Website
22
TDK C3216X5R0J226M
0.002
3.00
3.2 x 1.6
1.6
6.3
X5R Ceramic
tdk.com
22
SANYO 6APA22M
0.040
1.90
7.3 x 4.3
2.0
6.3
POSCAP
sanyovideo.com
47
TDK C3225X5R0J46M
0.002
4.00
3.2 x 1.6
1.6
6.3
X5R Ceramic
tdk.com
47
SANYO 6TPA47M
0.040
1.90
6.0 x 3.2
2.8
6.3
POSCAP
sanyovideo.com
Table 2 Component Selection
Note: Components highlighted in bold are those used on the SP6654 Evaluation Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com