Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6654EU Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP6654EU
Description  High Efficiency 800mA Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6654EU Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP6654EU Datasheet HTML 9Page - Sipex Corporation SP6654EU Datasheet HTML 10Page - Sipex Corporation SP6654EU Datasheet HTML 11Page - Sipex Corporation SP6654EU Datasheet HTML 12Page - Sipex Corporation SP6654EU Datasheet HTML 13Page - Sipex Corporation SP6654EU Datasheet HTML 14Page - Sipex Corporation SP6654EU Datasheet HTML 15Page - Sipex Corporation SP6654EU Datasheet HTML 16Page - Sipex Corporation SP6654EU Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
Date: 2/1/05
SP6654 High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2005 Sipex Corporation
PACKAGE: 10 PIN MSOP
1
E1
e
Pin #1 indentifier must be indicated within this shaded area (D/2 * E1/2)
L1
L
R1
Ø
Ø1
R
Ø1
Seating Plane
Gauge Plane
L2
B
B
SYMBOL
MIN
NOM
MAX
A-
-
1.1
A1
0
-
0.15
A2
0.75
0.85
0.95
b
0.17
-
0.27
c
0.08
-
0.23
D
E
E1
e
e1
L
0.4
0.6
0.8
L1
L2
N-
10
-
R
0.07
-
-
R1
0.07
-
-
ø0º
-
8º
ø1
0º
-
15º
Note: Dimensions in (mm)
10 Pin MSOP JEDEC MO-187 (BA) Variation
3.00 BSC
4.90 BSC
3.00 BSC
0.50 BSC
2.00 BSC
0.95 REF
0.25 BSC
1
2
E/2
e1
E
D
c
WITH PLATING
BASE METAL
b
Section B-B
A2
A
A1
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com