Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6659 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6659
Description  1.5MHz, 600mA Synchronous Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6659 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6659_06 Datasheet HTML 3Page - Sipex Corporation SP6659_06 Datasheet HTML 4Page - Sipex Corporation SP6659_06 Datasheet HTML 5Page - Sipex Corporation SP6659_06 Datasheet HTML 6Page - Sipex Corporation SP6659_06 Datasheet HTML 7Page - Sipex Corporation SP6659_06 Datasheet HTML 8Page - Sipex Corporation SP6659_06 Datasheet HTML 9Page - Sipex Corporation SP6659_06 Datasheet HTML 10Page - Sipex Corporation SP6659_06 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Date: 9/25/06 Rev C
SP6659 1.5MHz, 600mA Synchronous Buck Regulator
© 2006 Sipex Corporation
Figure 21. SP6659 Idle Mode Operation
APPLICATION INFORMATION
A resistive divider based on the following
equation determines the output voltage:
VOUT = 0.6 (1+
)
The external resistive divider is connected
to the output as shown in Figure 20 .
®
SP6659
GND
R1
R2
VFB
VOUT
Figure 20: Setting the SP6659 Output Voltage.
R1
R2
The SP6659 is a monolithic switching mode
Step-Down DC-DC converter. It utilizes in-
ternal MOSFETs to achieve high efficiency
and can generate very low output voltage
by using its internal reference at 0.6V. It
operates at a fixed switching frequency,
and uses slope compensated, current-mode
architecture. This Step-Down DC-DC con-
verter supplies 600mA of output current at
VIN = 3V. The entire input voltage range is
from 2.5V to 5.5V.
__________________ CURRENT MODE
PWM CONTROL
Slope compensated current mode PWM
control provides stable switching and cycle-
by-cycle current limit for excellent load and
line responses and protection of the internal
main switch (P-Channel MOSFET) as well
as the synchronous rectifier (N-Channel
MOSFET). During normal operation, the in-
ternal P-Channel MOSFET is turned on for
a certain time to ramp the inductor current at
each rising edge of the internal oscillator,
and switched off when the peak inductor
current is above the error voltage.
The
current comparator, ICOMP, limits the peak
inductor current. When the main switch is
off, the synchronous rectifier will be turned
THEORY OF OPERATION
on immediately and stay on until either the
inductor current starts to reverse, as indi-
cated by the current reversal comparator,
IZERO, or the beginning of the next clock
cycle.
The OVDET comparator controls
output transient overshoots by turning the
main switch off and keeping it off until the
fault is no longer present.
_______________________ IDLE MODE
OPERATION
At very light loads, the SP6659 automati-
cally enters Idle Mode (Figure 21).
_____________________ SETTING THE
OUTPUT VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com