Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6659 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6659
Description  1.5MHz, 600mA Synchronous Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6659 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6659_06 Datasheet HTML 2Page - Sipex Corporation SP6659_06 Datasheet HTML 3Page - Sipex Corporation SP6659_06 Datasheet HTML 4Page - Sipex Corporation SP6659_06 Datasheet HTML 5Page - Sipex Corporation SP6659_06 Datasheet HTML 6Page - Sipex Corporation SP6659_06 Datasheet HTML 7Page - Sipex Corporation SP6659_06 Datasheet HTML 8Page - Sipex Corporation SP6659_06 Datasheet HTML 9Page - Sipex Corporation SP6659_06 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Date: 9/25/06 Rev C
SP6659 1.5MHz, 600mA Synchronous Buck Regulator
© 2006 Sipex Corporation
FUNCTIONAL DIAGRAMS
Q
R
Q
S
VIN
2.7 - 5.5V
COUT
_
+
-
+
-
DRV
REF
0.6V
BLANKING
OSC
SLOPE
+
-
PWM
LOGIC
COMP
+
-
R
+
-
2
3
5
EA
OV
DET
COMP
0.65V
VIN
SHUTDOWN
0.6V
_
_
Izero
COMP
ISENSE
COMP
RS LATCH
4
1
+
-
R2
SW
GND
R1
VOUT
VFB
RUN
Cf
CIN
Adjustable Output Version
Fixed Output Version
Q
R
Q
S
VIN
2.7 - 5.5V
COUT
_
+
-
+
-
DRV
REF
0.6V
BLANKING
OSC
SLOPE
+
-
PWM
LOGIC
COMP
+
-
R
+
-
2
3
5
EA
OV
DET
COMP
0.65V
VIN
SHUTDOWN
0.6V
_
_
Izero
COMP
ISENSE
COMP
RS LATCH
4
1
+
-
SW
GND
VOUT
VOUT
RUN
R2
R1
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com