Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7122CEK-L/TR Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP7122CEK-L/TR
Description  2 or 3 Channel Low Dropout High Side Linear LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7122CEK-L/TR Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP7122CEK-L/TR Datasheet HTML 9Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 10Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 11Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 12Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 13Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 14Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 15Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 16Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Jun29-07 RevD
SP7120/22 Low Dropout LED Driver
© 2007 Sipex Corporation
page
14
TYPICAL PERFORMANCE SP7122B
IOUT
is for 3 channels 20mA per channel
IOUT
is for 3 channels 20mA per channe
PWM Minimum on time 15µS 20kHz
CH1: PWM Signal CH2: Anode of LED
CH4: LED current 10mA/div
PWM High Duty Cycle 20kHz
CH1: PWM Signal CH2: Anode of LED
CH4: LED current 10mA/div
PWM 50%Duty Cycle 5kHz
CH1: PWM Signal CH2 Anode of LED
CH4: LED current 10mA/div
PWM Low Duty Cycle 5kHz
CH1: PWM Signal CH2 Anode of LED
CH4: LED current 10mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com