Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7122CEK-L/TR Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP7122CEK-L/TR
Description  2 or 3 Channel Low Dropout High Side Linear LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7122CEK-L/TR Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP7122CEK-L/TR Datasheet HTML 9Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 10Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 11Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 12Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 13Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 14Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 15Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 16Page - Sipex Corporation SP7122CEK-L/TR Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Jun29-07 RevD
SP7120/22 Low Dropout LED Driver
© 2007 Sipex Corporation
page
17
ORDERING INFORMATION
Pack quantity is 2500 for SOT23-6 tape and reel.
For further assistance:
Email:
Sipexsupport@sipex.com
WWW Support page:
http://www.sipex.com/content.aspx?p=support
Sipex Application Notes:
http://www.sipex.com/applicationNotes.aspx
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA95035
tel: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product
or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Part Number
Temp
Range
Package
Type
RoHS/
Lead
Free
Output
Current per
Channel
# of
Channels
JA
(˚C/W)
Moisture
Sensitivity
Level
SP7120AEK-L/TR
-40°C to
+85°C
SOT23-6
Yes
15mA
2
190
L1 @ 260ºC
SP7120BEK-L/TR
-40°C to
+85°C
SOT23-6
Yes
20mA
2
190
L1 @ 260ºC
SP7120CEK-L/TR
-40°C to
+85°C
SOT23-6
Yes
25mA
2
190
L1 @ 260ºC
SP7122AEK-L/TR
-40°C to
+85°C
SOT23-6
Yes
15mA
3
190
L1 @ 260ºC
SP7122BEK-L/TR
-40°C to
+85°C
SOT23-6
Yes
20mA
3
190
L1 @ 260ºC
SP7122CEK-L/TR
-40°C to
+85°C
SOT23-6
Yes
25mA
3
190
L1 @ 260ºC
Solved by
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com