Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5532BCPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5532BCPZN-R7
Description  2.3 GHz to 2.7 GHz, Receiver Front End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5532BCPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5532BCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
ADRF5532
ELECTRICAL SPECIFICATIONS
analog.com
Rev. A | 3 of 11
VCC = 5 V, T/R = 0 V or 5 V, TCASE = 25°C, 50 Ω system, unless otherwise noted.
Table 1. Electrical Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
2.3
2.7
GHz
RECEIVE OPERATION
At 2.6 GHz, unless otherwise noted
Gain
ANT to RXOUT
35.5
dB
Gain Flatness
Over any 400 MHz bandwidth
0.2
dB
Input Return Loss
ANT port
25
dB
Output Return Loss
RXOUT port
20
dB
Reverse Isolation
RXOUT to ANT
56
dB
Term Isolation
ANT to TERM
27
dB
NF
1.2
dB
IIP3
Two-tone input power = −30 dBm per tone at 1 MHz tone spacing
−4
dBm
Input 1 dB Compression (IP1dB)
−17
dBm
Switching Speed
ANT to RXOUT, 50% of T/R to 10%, 90% of RF output
650
ns
Settling Time
ANT to RXOUT, 50% of T/R to 0.3 dB of RF output
1000
ns
TRANSMIT OPERATION
At 2.6 GHz, unless otherwise noted
Insertion Loss
ANT to TERM
0.7
dB
Input Return Loss
ANT port
25
dB
Output Return Loss
TERM port
25
dB
IIP3
Two-tone input power = 30 dBm per tone at 80 MHz tone spacing
65
dBm
IP1dB
45
dBm
Input 0.1 dB Compression (IP0.1dB)
43
dBm
Switching Speed
ANT to TERM, 50% of T/R to 10%, 90% of RF output
600
ns
Settling Time
ANT to TERM, 50% of T/R to 0.3 dB of RF output
650
ns
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (VCC) Range
VCC
4.75
5
5.25
V
Control Voltage Range
T/R
0
VCC
V
RF Input Power at ANT
T/R = 5 V, TC = 105°C
8 dB PAR LTE full lifetime average
36.5
dBm
8 dB PAR LTE single event (<10 sec) average
39
dBm
Case Temperature Range TCASE1
−40
+105
°C
Junction Temperature at Maximum TCASE1
Receive operation
145
°C
Transmit operation
135
°C
SUPPLY CURRENT (ICC)
VCC = 5 V
Receive Operation
118
mA
Transmit Operation
15
mA
DIGITAL INPUT
T/R
Low (VIL)
−0.3
0.7
V
High (VIH)
1.07
VCC
V
DIGITAL INPUT CURRENT
T/R = 5 V
5
μA
1 Measured at EPAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com