Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5532BCPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5532BCPZN-R7
Description  2.3 GHz to 2.7 GHz, Receiver Front End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5532BCPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5532BCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5532BCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
ADRF5532
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 5 of 11
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3 to 8, 11 to 14, 16, 17, 19 to 22, 24
GND
Ground. These pins must be connected to the RF or DC ground of the PCB.
2
ANT
Antenna Input. Pin 2 is DC-coupled to 0 V and AC-matched to 50 Ω.
9
NIC
Not Internally Connected. It is recommended to connect NIC to the RF ground of the PCB.
10
VCC
Positive Supply Voltage.
15
RXOUT
Receive LNA Output. Pin 15 is DC-coupled to 0 V and AC-matched to 50 Ω.
18
T/R
Transmit/Receive Operation Control Logic Input.
23
TERM
Termination Output. Pin 23 is DC-coupled to 0 V and AC-matched to 50 Ω.
EPAD
Exposed Pad. The exposed pad must be connected to RF or DC ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com