Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7651 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7651
Description  Wide Input Voltage Range 3Amp 900kHz Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7651 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7651 Datasheet HTML 1Page - Sipex Corporation SP7651 Datasheet HTML 2Page - Sipex Corporation SP7651 Datasheet HTML 3Page - Sipex Corporation SP7651 Datasheet HTML 4Page - Sipex Corporation SP7651 Datasheet HTML 5Page - Sipex Corporation SP7651 Datasheet HTML 6Page - Sipex Corporation SP7651 Datasheet HTML 7Page - Sipex Corporation SP7651 Datasheet HTML 8Page - Sipex Corporation SP7651 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image

Rev J: 3/4/07
SP765 Wide Input Voltage Range 3A, 900kHz, Buck Regulator
© Copyright 2007 Sipex Corporation
FEATURES
• 2.5V to 20V Step Down Achieved Using Dual Input
• Output Voltage down to 0.8V
• 3A Output Capability (Up to 5A with Air Flow)
• Built in Low RDSON Power FETs (40 mΩ typ)
• Highly Integrated Design, Minimal Components
• 900 kHz Fixed Frequency Operation
• UVLO Detects Both VCC and VIN
• Over Temperature Protection
• Short Circuit Protection with Auto-Restart
• Wide BW Amp Allows Type II or III Compensation
• Programmable Soft Start
• Fast Transient Response
• High Efficiency: Greater than 92% Possible
• Asynchronous Start-Up into a Pre-Charged Output
• Small 7mm x 4mm DFN Package
• U.S. Patent #6,922,04
The SP7651 is a high voltage synchronous step-down switching regulator optimized for high efficiency. The part
is designed to be especially attractive for dual supply, 2V step down with 5V used to power the controller. This
lower VCC voltage minimizes power dissipation in the part. The SP765 is designed to provide a fully integrated
buck regulator solution using a fixed 900kHz frequency, PWM voltage mode architecture. Protection features
include UVLO, thermal shutdown and output short circuit protection. The SP765 is available in the space saving
7mm X 4mm DFN package
.
TYPICAL APPLICATION CIRCUIT
DESCRIPTION
CBST
6800pF
L
4.7uH, Irate=3.87A
C
22uF
CVCC
2.2uF
U
SP7651
PGND

PGND
2
PGND
3
GND
4
VFB
5
COMP
6
UVIN
7
GND
8
SS
9
VIN
0
VIN

VIN
2
VIN
3
LX
4
LX
5
LX
6
NC
7
BST
8
GND
9
GND
20
GND
2
VCC
22
LX
23
LX
24
LX
25
LX
26
DBST
CSS
5nF
CP
22pF
3.3V
0-3A
RSET
2.5kΩ,%
GND
C3
22uF
Notes:
12V
VIN
1. U1 Bottom-Side Layout should
have three contacts isolated from
one another: Vin, SWNODE, and GND.
SD101AWS
VOUT
Rz3
7.5kΩ,
1%
Cz3
50pF
Cz2
,000pF
R
68.kΩ,%
Rz2
5k,1%
CF
00pF
fs=900Khz
+5V
VCC
ENABLE
2. RSET=54.48/(Vout-0.8V) (KOhm)
6.3V
(note 2)
16V
Solved by
TM
SP7651
Wide Input Voltage Range 3Amp
900kHz Buck Regulator
SP7651
DFN PACKAGE
7mm x 4mm
BOTTOM VIEW
Heatsink Pad 1
Connect to Lx
Heatsink Pad 2
Connect to GND
Heatsink Pad 3
Connect to VIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
PGND
PGND
PGND
GND
VFB
COMP
UVIN
GND
SS
VIN
VIN
VIN
VIN
LX
LX
LX
LX
VCC
GND
GND
GND
BST
NC
LX
LX
LX
Pin 27
Pin 28
Pin 29
Solved by
TM


Similar Part No. - SP7651

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7651 SIPEX-SP7651 Datasheet
314Kb / 8P
Evaluation Board Manual
logo
Exar Corporation
SP7651 EXAR-SP7651 Datasheet
1Mb / 15P
900kHz Buck Regulator
logo
Sipex Corporation
SP7651EB SIPEX-SP7651EB Datasheet
314Kb / 8P
Evaluation Board Manual
SP7651ER SIPEX-SP7651ER Datasheet
314Kb / 8P
Evaluation Board Manual
More results

Similar Description - SP7651

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7650 SIPEX-SP7650_06 Datasheet
1Mb / 16P
Wide Input Voltage Range 3A, 300kHz, Buck Regulator
SP7652 SIPEX-SP7652_06 Datasheet
1Mb / 16P
Wide Input Voltage Range 6A, 600kHz, Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
Wide Input Voltage Range, 1.3MHz, Buck Regulator
SP7655 SIPEX-SP7655_07 Datasheet
1Mb / 16P
Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
Wide Input Voltage Range 3A, 600kHz, Buck Regulator
SP7662 SIPEX-SP7662_07 Datasheet
1Mb / 19P
Wide Input Voltage Range 12A, 300kHz, Buck Regulator
logo
Exar Corporation
SP7651 EXAR-SP7651 Datasheet
1Mb / 15P
900kHz Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com