Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7651 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7651
Description  Wide Input Voltage Range 3Amp 900kHz Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7651 Datasheet(HTML) 5 Page - Sipex Corporation

  SP7651 Datasheet HTML 1Page - Sipex Corporation SP7651 Datasheet HTML 2Page - Sipex Corporation SP7651 Datasheet HTML 3Page - Sipex Corporation SP7651 Datasheet HTML 4Page - Sipex Corporation SP7651 Datasheet HTML 5Page - Sipex Corporation SP7651 Datasheet HTML 6Page - Sipex Corporation SP7651 Datasheet HTML 7Page - Sipex Corporation SP7651 Datasheet HTML 8Page - Sipex Corporation SP7651 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Rev J: 3/4/07
SP765 Wide Input Voltage Range 3A, 900kHz, Buck Regulator
© Copyright 2007 Sipex Corporation
safely begin down conversion, and an inter-
nal VCC UVLO ensures that the controller
itselfhasenoughvoltagetoproperlyoperate.
Other protection features include thermal
shutdown and short-circuit detection. In the
event that either a thermal, short-circuit, or
UVLO fault is detected, the SP765 is forced
into an idle state where the output drivers are
held off for a finite period before a re-start
is attempted.
Soft Start
“Soft Start” is achieved when a power con-
verter ramps up the output voltage while
controlling the magnitude of the input sup-
ply source current. In a modern step down
converter, ramping up the positive terminal
of the error amplifier controls soft start. As a
result, excess source current can be defined
as the current required to charge the output
capacitor.
IVIN = COUT * (∆VOUT / ∆TSOFT-START)
The SP765 provides the user with the op-
tion to program the soft start rate by tying
a capacitor from the SS pin to GND. The
selection of this capacitor is based on the
0µA pullup current present at the SS pin
and the 0.8V reference voltage. Therefore,
the excess source can be redefined as:
IVIN = COUT * (∆VOUT *0µA / (CSS * 0.8V)
Under Voltage Lock Out (UVLO)
The SP765 contains two separate UVLO
comparatorstomonitortheinternalbias(VCC)
andconversion(VIN)voltagesindependently.
The VCC UVLO threshold is internally set
to 4.25V, whereas the VIN UVLO threshold
is programmable through the UVIN pin.
When the UVIN pin is greater than 2.5V,
the SP765 is permitted to start up pend-
ing the removal of all other faults. Both the
VCC and VIN UVLO comparators have been
designed with hysteresis to prevent noise
from resetting a fault.
Thermal and Short-Circuit
Protection
Because the SP765 is designed to drive
largeoutputcurrent,thereisachancethatthe
power converter will become too hot. There-
fore, an internal thermal shutdown (145°C)
has been included to prevent the IC from
malfunctioning at extreme temperatures.
A short-circuit detection comparator has
also been included in the SP765 to protect
against an accidental short at the output
of the power converter. This comparator
constantly monitors the positive and nega-
tive terminals of the error amplifier, and if
the VFB pin falls more than 250mV (typical)
below the positive reference, a short-circuit
fault is set. Because the SS pin overrides the
internal 0.8V reference during soft start, the
SP765 is capable of detecting short-circuit
faults throughout the duration of soft start as
well as in regular operation.
Handling of Faults:
Upon the detection of power (UVLO), ther-
mal, or short-circuit faults, the SP765 is
forced into an idle state where the SS and
COMP pins are pulled low and the NFETS
are held off. In the event of UVLO fault, the
SP765 remains in this idle state until the
UVLO fault is removed. Upon the detection
of a thermal or short-circuit fault, an internal
200ms timer is activated. In the event of a
short-circuit fault, a re-start is attempted im-
mediately after the 200ms timeout expires.
Whereas, when a thermal fault is detected
the200msdelaycontinuouslyrecyclesanda
re-startcannotbeattempteduntilthethermal
fault is removed and the timer expires.
Error Amplifier and Voltage Loop
Since the heart of the SP765 voltage error
loop is a high performance, wide bandwidth
transconductance amplifier, great care
shouldbetakentoselecttheoptimalcompen-
sation network. Because of the amplifier’s
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com