Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7652 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7652
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7652 Datasheet(HTML) 5 Page - Sipex Corporation

  SP7652_06 Datasheet HTML 1Page - Sipex Corporation SP7652_06 Datasheet HTML 2Page - Sipex Corporation SP7652_06 Datasheet HTML 3Page - Sipex Corporation SP7652_06 Datasheet HTML 4Page - Sipex Corporation SP7652_06 Datasheet HTML 5Page - Sipex Corporation SP7652_06 Datasheet HTML 6Page - Sipex Corporation SP7652_06 Datasheet HTML 7Page - Sipex Corporation SP7652_06 Datasheet HTML 8Page - Sipex Corporation SP7652_06 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Rev F: /0/06
SP7652 Wide Input Voltage Range 6A, 600kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
UVLO fault is detected, the SP7652 is forced
into an idle state where the output drivers are
held off for a finite period before a re-start
is attempted.
Soft Start
Soft start is achieved when a power con-
verter ramps up the output voltage while
controlling the magnitude of the input sup-
ply source current. In a modern step down
converter, ramping up the positive terminal
of the error amplifier controls soft start.
As a result, excess source current can be
defined as the current required to charge
the output capacitor.
IVin = COut * (∆VOut / ∆TSOft-StaRt)
The SP7652 provides the user with the op-
tion to program the soft start rate by tying
a capacitor from the SS pin to GND. The
selection of this capacitor is based on the
0uA pull up current present at the SS pin
and the 0.8V reference voltage. Therefore,
the excess source can be redefined as:
IVin = COut * (∆VOut *0µA / (CSS * 0.8V)
Under Voltage Lock Out (UVLO)
The SP7652 contains two separate UVLO
comparators to monitor the internal bias
(Vcc) and conversion (Vin) voltages
independently. The Vcc UVLO threshold
is internally set to 4.25V, whereas the Vin
UVLO threshold is programmable through
the UVIN pin. When the UVIN pin is
greater than 2.5V, the SP7652 is permit-
ted to start up pending the removal of all
other faults. Both the Vcc and Vin UVLO
comparators have been designed with
hysteresis to prevent noise from resetting
a fault.
Thermal and Short-Circuit Protection
Because the SP7652 is designed to drive
largeoutputcurrent,thereisachancethatthe
power converter will become too hot. There-
fore, an internal thermal shutdown (145°C)
has been included to prevent the IC from
malfunctioning at extreme temperatures.
A short-circuit detection comparator has
also been included in the SP7652 to protect
against an accidental short at the output
of the power converter. This comparator
constantly monitors the positive and nega-
tive terminals of the error amplifier, and if
the Vfb pin falls more than 250mV (typical)
below the positive reference, a short-circuit
fault is set. Because the SS pin overrides the
internal 0.8V reference during soft start, the
SP7652 is capable of detecting short-circuit
faults throughout the duration of soft start as
well as in regular operation.
Handling of Faults
Upon the detection of power (UVLO), ther-
mal, or short-circuit faults, the SP7652 is
forced into an idle state where the SS and
COMP pins are pulled low and the NFETS
are held off. In the event of UVLO fault, the
SP7652 remains in this idle state until the
UVLO fault is removed. Upon the detection
of a thermal or short-circuit fault, an internal
200ms timer is activated. In the event of a
short-circuit fault, a re-start is attempted im-
mediately after the 200ms timeout expires.
Whereas, when a thermal fault is detected,
the200msdelaycontinuouslyrecyclesanda
re-startcannotbeattempteduntilthethermal
fault is removed and the timer expires.
Error Amplifier and Voltage Loop
Since the heart of the SP7652 voltage error
loop is a high performance, wide bandwidth
transconductance amplifier, great care
shouldbetakentoselecttheoptimalcompen-
sation network. Because of the amplifier’s
current limited (±150µA) transconductance,
there are many ways to compensate the
voltage loop or to control the COMP pin ex-
ternally. If a simple, single-pole, single-zero
response is desired, then compensation can
be as simple as an RC circuit to Ground. If
a more complex compensation is required,
then the amplifier has enough bandwidth
(45°C at 4 MHz) and enough gain (60dB)
to run Type III compensation schemes with
adequate gain and phase margins at cross-
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com