Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7652 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7652
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7652 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP7652_06 Datasheet HTML 2Page - Sipex Corporation SP7652_06 Datasheet HTML 3Page - Sipex Corporation SP7652_06 Datasheet HTML 4Page - Sipex Corporation SP7652_06 Datasheet HTML 5Page - Sipex Corporation SP7652_06 Datasheet HTML 6Page - Sipex Corporation SP7652_06 Datasheet HTML 7Page - Sipex Corporation SP7652_06 Datasheet HTML 8Page - Sipex Corporation SP7652_06 Datasheet HTML 9Page - Sipex Corporation SP7652_06 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Rev F: /0/06
SP7652 Wide Input Voltage Range 6A, 600kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
THEORY OF OPERATION
over frequencies greater than 50kHz.
The common mode output of the error am-
plifier is 0.9V to 2.2V. Therefore, the PWM
voltageramphasbeensetbetween.Vand
2.2Vto ensure proper0% to 100% dutycycle
capability. The voltage loop also includes
two other very important features. One is an
asynchronous startup mode. Basically, the
synchronous rectifier cannot turn on unless
the high-side NFET has attempted to turn
on or the SS pin has exceeded .7V. This
featurepreventsthecontrollerfrom“dragging
down” the output voltage during startup or in
fault modes. The second feature is a 100%
dutycycletimeoutthatensuressynchronized
refreshing of the BST capacitor at very high
duty ratios. In the event that the high-side
NFET is on for 20 continuous clock cycles,
a reset is given to the PWM flip-flop half
way through the 2st cycle. This forces GL
to rise for the cycle, in turn refreshing the
BST capacitor.
Power MOSFETs
TheSP7652containsapairofintegratedlow
resistanceN-MOSFETsdesignedtodriveup
to 6Aof output current. Maximum output cur-
rent could be limited by thermal limitations of
aparticularapplication.TheSP7652incorpo-
rates a built-in over-temperature protection
to prevent internal overheating.
GH
voltage
GL
voltage
v(v in)
0v
-0v
-v(Diode) v
v(v in)+v(v CC )
BsT
voltage
v(v CC )
TiMe
sWn
voltage
vBsT
vsWn
v(v CC)
The SP7652 can be set to different output
voltages. The relationship in the following
formula is based on a voltage divider from
the output to the feedback pin VFB, which is
set to an internal reference voltage of 0.80V.
Standard 1% metal film resistors of surface
mount size 0603 are recommended.
VOut = 0.80V (R1/R2+1)
=> R2=
Where R1 = 68.1kΩ and for VOut = 0.80V
setting, simply remove R2 from the board.
Furthermore, one could select the value
of the R and R2 combination to meet the
exact output voltage setting by restricting
R1 resistance range such that 50kΩ < R1
< 100kΩ for overall system loop stability.
Setting Output Voltages
R
{(VOut / 0.8V) -1}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com