Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7652 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP7652
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7652 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP7652 Datasheet HTML 3Page - Sipex Corporation SP7652 Datasheet HTML 4Page - Sipex Corporation SP7652 Datasheet HTML 5Page - Sipex Corporation SP7652 Datasheet HTML 6Page - Sipex Corporation SP7652 Datasheet HTML 7Page - Sipex Corporation SP7652 Datasheet HTML 8Page - Sipex Corporation SP7652 Datasheet HTML 9Page - Sipex Corporation SP7652 Datasheet HTML 10Page - Sipex Corporation SP7652 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Rev F: /0/06
SP7652 Wide Input Voltage Range 6A, 600kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
APPLICATIONS INFORMATION
Inductor Selection
There are many factors to consider in
selecting the inductor including core
material, inductance vs. frequency, cur-
rent handling capability, efficiency, size
and EMI. In a typical SP7652 circuit, the
inductor is chosen primarily by operat-
ing frequency, saturation current and DC
resistance. Increasing the inductor value
will decrease output voltage ripple, but
degrade transient response. Low induc-
tor values provide the smallest size, but
cause large ripple currents, poor efficiency
and require more output capacitance to
smooth out the larger ripple current. The
inductor must be able to handle the peak
current at the switching frequency without
saturating, and the copper resistance in
the winding should be kept as low as pos-
sible to minimize resistive power loss. A
good compromise between size, loss and
cost is to set the inductor ripple current
to be within 20% to 40% of the maximum
output current.
The switching frequency and the inductor
operating point determine the inductor value
as follows:
where:
Fs = switching frequency
KR = ratio of the AC inductor ripple current
to the maximum output current
The peak to peak inductor ripple current
is:
Once the required inductor value is selected,
theproperselectionofcorematerialisbased
on peak inductor current and efficiency re-
quirements. The core must be large enough
not to saturate at the peak inductor current
and provide low core loss at the high switch-
ingfrequency.Lowcostpowdered-ironcores
are inappropriate for 900kHz operation.
Gapped ferrite inductorsare widely available
for consideration. Select devices that have
operating data shown up to MHz. Ferrite
materials, on the other hand, are more
expensive and have an abrupt saturation
characteristic with the inductance dropping
sharply when the peak design current is
exceeded. Nevertheless, they are preferred
at high switching frequencies because they
present very low core loss and the design
only needs to prevent saturation. In general,
ferrite or molypermalloy materials are bet-
ter choice for all but the most cost sensitive
applications.
Optimizing Efficiency
The power dissipated in the inductor is equal
to the sum of the core and copper losses.
To minimize copper losses, the winding
resistance needs to be minimized, but this
usually comes at the expense of a larger
inductor.Corelosseshaveamoresignificant
contribution at low output current where the
copper losses are at a minimum, and can
typically be neglected at higher output cur-
rents where the copper losses dominate.
Core loss information is usually available
from the magnetics vendor. Proper inductor
selection can affect the resulting power sup-
ply efficiency by more than 15-20%!
The copper loss in the inductor can be cal-
culated using the following equation:
where IL(RMS) is the RMS inductor current
that can be calculated as follows:
L=
VOut(Vin(max) - VOut)
Vin(max)FS•KR•iOut(max)
Ipp=
VOut (Vin(max) - VOut)
Vin(max)•Fs•L
IpEak = iOut(max) +
Ipp
2
Pl(cu) = i2l(RmS) RWinDing
Il(RmS) = iOut(max) 1+

3
(
)2
Ipp
IOut(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com