Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7652 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7652
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7652 Datasheet(HTML) 4 Page - Sipex Corporation

  SP7652 Datasheet HTML 1Page - Sipex Corporation SP7652 Datasheet HTML 2Page - Sipex Corporation SP7652 Datasheet HTML 3Page - Sipex Corporation SP7652 Datasheet HTML 4Page - Sipex Corporation SP7652 Datasheet HTML 5Page - Sipex Corporation SP7652 Datasheet HTML 6Page - Sipex Corporation SP7652 Datasheet HTML 7Page - Sipex Corporation SP7652 Datasheet HTML 8Page - Sipex Corporation SP7652 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Rev F: /0/06
SP7652 Wide Input Voltage Range 6A, 600kHz, Buck Regulator
© Copyright 2006 Sipex Corporation
General Overview
The SP7652 is a fixed frequency, voltage
mode, synchronous PWM regulator opti-
mized for high efficiency. The part has been
designed to be especially attractive for split
plane applications utilizing 5V to power
the controller and 3V to 20V for step down
conversion.
The heart of the SP7652 is a wide bandwidth
transconductance amplifier designed to ac-
commodate Type II and Type III compensa-
tion schemes. A precision 0.8V reference,
present on the positive terminal of the error
amplifier, permits the programming of the
output voltage down to 0.8V via the Vfb pin.
The output of the error amplifier, COMP,
which is compared to a .V peak-to-peak
ramp, is responsible for trailing edge PWM
control. This voltage ramp and PWM control
logic are governed by the internal oscillator
that accurately sets the PWM frequency to
600kHz.
THEORY OF OPERATION
The SP7652 contains two unique control
features that are very powerful in distributed
applications.First,asynchronousdrivercon-
trol is enabled during start up, to prohibit the
low side NFET from pulling down the output
until the high side NFET has attempted to
turn on. Second, a 100% duty cycle timeout
ensuresthatthelowsideNFETisperiodically
enhanced during extended periods at 100%
dutycycle.Thisguaranteesthesynchronized
refreshing of the BST capacitor during very
large duty cycle ratios.
The SP7652 also contains a number of
valuableprotectionfeatures.Programmable
UVLO allows the user to set the exact Vin
value at which the conversion voltage can
safely begin down conversion, and an inter-
nal Vcc UVLO ensures that the controller
itselfhasenoughvoltagetooperateproperly.
Other protection features include thermal
shutdown and short-circuit detection. In the
event that either a thermal, short-circuit, or
PIN DESCRIPTION
Pin #
Pin Name
Description
-3
PgnD
Ground connection for the synchronous rectifier.
4,8,19-21
GND
Ground Pin. The control circuitry of the IC and lower power driver are referenced
to this pin. Return separately from other ground traces to the (-) terminal of COut.
5
Vfb
Feedback Voltage and Short Circuit Detection pin. The inverting input of the Error
Amplifier and serves as the output voltage feedback point for the Buck Converter.
The output voltage is sensed and can be adjusted through an external resistor
divider. Whenever VFB drops 0.25V below the positive reference, a short circuit
fault is detected and the IC enters hiccup mode.
6
COMP
Output of the Error Amplifier. Internally connected to the inverting input of the
PWM comparator. An optimal filter combination is chosen and connected to this
pin and either ground or VFB to stabilize the voltage mode loop.
7
UVIN
UVLO input for Vin voltage. Connect a resistor divider between Vin and UVin to
set minimum operating voltage.
9
SS
Soft Start. Connect an external capacitor between SS and GND to set the soft
start rate based on the 0µA source current. The SS pin is held low via a mA
(min.) current during all fault conditions.
0-3
Vin
Input connection to the high-side N-channel MOSFET. Place a decoupling capaci-
tor between this pin and PGND.
4-6,23-
26
LX
Connect an inductor between this pin and VOut.
7
NC
No Connect.
8
BST
High-side driver supply pin. Connect BST to the external boost diode and capaci-
tor as shown in the Typical Application Circuit on page one. High-side driver is
connected between BST and SWN pin.
22
Vcc
Input for external 5V bias supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com