Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7653ER Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7653ER
Description  Wide Input Voltage Range, 1.3MHz, Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7653ER Datasheet(HTML) 4 Page - Sipex Corporation

  SP7653ER Datasheet HTML 1Page - Sipex Corporation SP7653ER Datasheet HTML 2Page - Sipex Corporation SP7653ER Datasheet HTML 3Page - Sipex Corporation SP7653ER Datasheet HTML 4Page - Sipex Corporation SP7653ER Datasheet HTML 5Page - Sipex Corporation SP7653ER Datasheet HTML 6Page - Sipex Corporation SP7653ER Datasheet HTML 7Page - Sipex Corporation SP7653ER Datasheet HTML 8Page - Sipex Corporation SP7653ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image

Date: /20/06
SP7653 Wide Input Voltage Range, .3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
4
Date: 2/17/06
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
General Overview
The SP7653 is a fixed frequency, voltage mode,
synchronous PWM regulator optimized for high
efficiency. The part has been designed to be
especially attractive for high input voltages of
2.5V to 20V.
The heart of the SP7653 is a wide bandwidth
transconductance amplifier designed to accom-
modate Type II and Type III compensation
schemes. A precision 0.8V reference, present on
the positive terminal of the error amplifier,
permits the programming of the output voltage
down to 0.8V via the VFB pin. The output of the
error amplifier, COMP, compared to a 1.1V
peak-to-peak ramp is responsible for trailing
edge PWM control. This voltage ramp, and
PWM control logic are governed by the internal
oscillator that accurately sets the PWM fre-
quency to 1.3MHz.
THEORY OF OPERATION
The SP7653 contains two unique control fea-
tures that are very powerful in distributed appli-
cations. First, asynchronous driver control is
enabled during startup, to prohibit the low side
switch from pulling down the output until the
high side switch has attempted to turn on. Sec-
ond, a 100% duty cycle timeout ensures that the
low side switch is periodically enhanced during
extended periods at 100% duty cycle. This guar-
antees the synchronized refreshing of the Boost
capacitor during very large duty cycle ratios.
The SP7653 also contains a number of valuable
protection features. Programmable VIN UVLO
allows the user to set the exact value at which the
conversion voltage can safely begin down con-
version, and an internal VCC UVLO which en-
sures that the controller itself has enough volt-
age to operate properly. Other protection fea-
PIN DESCRIPTION
Pin #
Pin Name
Description
1-3
PGND
Ground connection for the synchronous rectifier
4,8,19-21
GND
Ground Pin. The control circuitry of the IC and lower power driver are
referenced to this pin. Return separately from other ground traces to the (-)
terminal of COUT.
5
VFB
Feedback Voltage and Short Circuit Detection pin. It is the inverting input of
the Error Amplifier and serves as the output voltage feedback point for the
Buck Converter. The output voltage is sensed and can be adjusted through
an external resistor divider. Whenever V
FB drops 0.25V below the positive
reference, a short circuit fault is detected and the IC enters hiccup mode.
6
COMP
Output of the Error Amplifier. It is internally connected to the inverting input of
the PWM comparator. An optimal filter combination is chosen and connected
to this pin and either ground or VFB to stabilize the voltage mode loop.
7
UVIN
UVLO input for VIN voltage. Connect a resistor divider between VIN and UVIN
to set minimum operating voltage.
9
SS
Soft Start. Connect an external capacitor between SS and GND to set the
soft start rate based on the 10µA source current. The SS pin is held low via a
1mA (min) current during all fault conditions.
10-13
VIN
Input connection to the high side N-channel MOSFET. Place a decoupling
capacitor between this pin and PGND.
14-16,23-26
LX
Connect an inductor between this pin and VOUT
17
NC
No Connect
18
BST
High side driver supply pin. Connect BST to the external boost diode and
capacitor as shown in the Typical Application Circuit on page 1. High side
driver is connected between BST pin and SWN pin.
22
Vcc
Input for external 5V bias supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com