Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7653ER Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP7653ER
Description  Wide Input Voltage Range, 1.3MHz, Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7653ER Datasheet(HTML) 5 Page - Sipex Corporation

  SP7653ER Datasheet HTML 1Page - Sipex Corporation SP7653ER Datasheet HTML 2Page - Sipex Corporation SP7653ER Datasheet HTML 3Page - Sipex Corporation SP7653ER Datasheet HTML 4Page - Sipex Corporation SP7653ER Datasheet HTML 5Page - Sipex Corporation SP7653ER Datasheet HTML 6Page - Sipex Corporation SP7653ER Datasheet HTML 7Page - Sipex Corporation SP7653ER Datasheet HTML 8Page - Sipex Corporation SP7653ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Date: /20/06
SP7653 Wide Input Voltage Range, .3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
5
Date: 2/17/06
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
tures include thermal shutdown and short-cir-
cuit detection. In the event that either a thermal,
short-circuit, or UVLO fault is detected, the
SP7653 is forced into an idle state where the
output drivers are held off for a finite period
before a restart is attempted.
Soft Start
“Soft Start” is achieved when a power converter
ramps up the output voltage while controlling
the magnitude of the input supply source cur-
rent. In a modern step down converter, ramping
up the positive terminal of the error amplifier
controls soft start. As a result, excess source
current can be defined as the current required to
charge the output capacitor:
IVIN = COUT * ( VOUT / TSOFT-START)
The SP7653 provides the user with the option to
program the soft start rate by tying a capacitor
from the SS pin to GND. The selection of this
capacitor is based on the 10uA pull up current
present at the SS pin and the 0.8V reference
voltage. Therefore, the excess source can be
redefined as:
IVIN = COUT *
[ (DVOUT *10µA) /(CSS * 0.8V)]
Under Voltage Lock Out (UVLO)
The SP7653 contains two separate UVLO com-
parators to monitor the bias (VCC) and conver-
sion (VIN) voltages independently. The VCC
UVLO threshold is internally set to 4.25V,
whereas the VIN UVLO threshold is program-
mable through the UVIN pin. When the voltage
on the UVIN pin is greater than 2.5V, the SP7653
is permitted to start up pending the removal of
all other faults. Both the VCC and VIN UVLO
comparators have been designed with hysteresis
to prevent noise from resetting a fault.
Thermal and Short-Circuit Protection
Because the SP7653 is designed to drive large
output current, there is a chance that the power
converter will become too hot. Therefore, an
internal thermal shutdown (145°C) has been
included to prevent the IC from malfunctioning
at extreme temperatures.
A short-circuit detection comparator has also
been included in the SP7653 to protect against
an accidental short at the output of the power
converter. This comparator constantly monitors
the positive and negative terminals of the error
amplifier, and if the VFB pin falls more than
250mV (typical) below the positive reference, a
short-circuit fault is set. Because the SS pin
overrides the internal 0.8V reference during soft
start, the SP7653 is capable of detecting short-
circuit faults throughout the duration of soft
start as well as in regular operation.
Handling of Faults:
Upon the detection of power (UVLO), thermal,
or short-circuit faults, the SP7653 is forced into
an idle state where the SS and COMP pins are
pulled low and both switches are held off. In the
event of UVLO fault, the SP7653 remains in this
idle state until the UVLO fault is removed.
Upon the detection of a thermal or short-circuit
fault, an internal 200ms timer is activated. In the
event of a short-circuit fault, a restart is at-
tempted immediately after the 200ms timeout
expires. Whereas, when a thermal fault is de-
tected, the 200ms delay continuously recycles
and a restart cannot be attempted until the ther-
mal fault is removed and the timer expires.
Error Amplifier and Voltage Loop
The heart of the SP7653 voltage error loop
compensation is a high performance, wide band-
width transconductance amplifier. Because of
the amplifier’s current limited (+/-150µA)
transconductance, there are many ways to com-
pensate the voltage loop or to control the COMP
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com