Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP7663
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP7663_07 Datasheet HTML 7Page - Sipex Corporation SP7663_07 Datasheet HTML 8Page - Sipex Corporation SP7663_07 Datasheet HTML 9Page - Sipex Corporation SP7663_07 Datasheet HTML 10Page - Sipex Corporation SP7663_07 Datasheet HTML 11Page - Sipex Corporation SP7663_07 Datasheet HTML 12Page - Sipex Corporation SP7663_07 Datasheet HTML 13Page - Sipex Corporation SP7663_07 Datasheet HTML 14Page - Sipex Corporation SP7663_07 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image

Feb2-07 Rev O
SP7663 Wide Input Voltage Range 6A, 600kHz Buck Regulator
© 2007 Sipex Corporation
APPLICATIONS INFORMATION
Output Capacitor Selection
The required ESR (Equivalent Series Re-
sistance) and capacitance drive the selec-
tion of the type and quantity of the output
capacitors. The ESR must be small enough
that both the resistive voltage deviation due
to a step change in the load current and
the output ripple voltage do not exceed
the tolerance limits expected on the output
voltage. During an output load transient,
the output capacitor must supply all the ad-
ditional current demanded by the load until
the SP7663 adjusts the inductor current to
the new value.
In order to maintain VOut,the capacitance
must be large enough so that the output
voltage is held up while the inductor cur-
rent ramps to the value corresponding
to the new load current. Additionally, the
ESR in the output capacitor causes a step
in the output voltage equal to the current.
Because of the fast transient response and
inherent 00% to 0% duty cycle capability
provided by the SP7663 when exposed to
output load transients, the output capacitor
is typically chosen for ESR, not for capaci-
tance value.
The ESR of the output capacitor, combined
with the inductor ripple current, is typically
the main contributor to output voltage ripple.
The maximum allowable ESR required to
maintain a specifiedoutputvoltageripplecan
be calculated by:
ReSr ≤ ∆VOut
IPk-Pk
where:
∆VOut = Peak-to-Peak Output Voltage Ripple
IPk-Pk = Peak-to-Peak Inductor Ripple Current
The total output ripple is a combination of
the ESR and the output capacitance value
andcanbecalculatedasfollows:
∆VOut =
√(IPP•(–D))2+(IPP•ReSr)2
ƒs • COut
ƒs = Switching Frequency
D = Duty Cycle
COut = Output Capacitance Value
Input Capacitor Selection
The input capacitor should be selected for
ripple current rating, capacitance and volt-
age rating. The input capacitor must meet
the ripple current requirement imposed
by the switching current. In continuous
conduction mode, the source current of
thehigh-sideMOSFETisapproximatelya
square wave of duty cycle VOut/ViN.More
accurately, the current wave form is trap-
ezoidal,givenafiniteturn-onandturn-off,
switchtransitionslope.Mostofthiscurrent
is supplied by the input bypass capaci-
tors.TheRMScurrenthandlingcapability
of the input capacitors is determined at
maximum output current and under the
assumption that the peak-to-peak inductor
ripplecurrentislow,itisgivenby:
ICiN(rMS) = IOut(MAx) •
√D(1 - D)
The worst case occurs when the duty cycle
Dis50%andgivesanRMScurrentvalue
equal to IOUT/2. Select input capacitors with
adequate ripple current rating to ensure reli-
able operation.
The power dissipated in the input capaci-
toris:
PCiN = I
2
CiN(rMS)
• reSr(CiN)
Thiscanbecomeasignificantpartofpower
losses in a converter and hurt the overall
energy transfer efficiency. The input volt-
age ripple primarily depends on the input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com