Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP7663
Description  Wide Input Voltage Range 6A, 600kHz, Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP7663_07 Datasheet HTML 8Page - Sipex Corporation SP7663_07 Datasheet HTML 9Page - Sipex Corporation SP7663_07 Datasheet HTML 10Page - Sipex Corporation SP7663_07 Datasheet HTML 11Page - Sipex Corporation SP7663_07 Datasheet HTML 12Page - Sipex Corporation SP7663_07 Datasheet HTML 13Page - Sipex Corporation SP7663_07 Datasheet HTML 14Page - Sipex Corporation SP7663_07 Datasheet HTML 15Page - Sipex Corporation SP7663_07 Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
2
Feb2-07 Rev O
SP7663 Wide Input Voltage Range 6A, 600kHz Buck Regulator
© 2007 Sipex Corporation
SP7663 Voltage Mode Control Loop with Loop Dynamic
(SRz2Cz2+1)(SR1Cz3+1)
(SRESRCOUT+1)
[S^2LC
OUT+S(RESR+RDC) COUT+1]
VIN
SR1Cz2(SRz3Cz3+1)(SRz2Cp1+1)
VRAMP_PP
VOUT
(Volts)
VREF
(Volts)
Notes:
R
ESR = Output Capacitor Equivalent Series Resistance.
R
DC = Output Inductor DC Resistance.
V
RAMP_PP = SP7662 Internal Ramp Amplitude Peak-to-Peak Voltage.
Condition:
Cz2>>Cp1&R1>>Rz3
OutputLoadResistance>>R
ESR & RDC
R2
VREF
(R1+R2)
or
VOUT
VFBK
(Volts)
TypeIIIVoltageLoop
Compensation
G
AMP (s) Gain Block
PWMStage
G
PWM Gain
Block
OutputStage
G
OUT (s) Gain
Block
VoltageFeedback
G
FBK Gain Block
capacitor ESR and capacitance. Ignoring
the inductor ripple current, the input voltage
ripplecanbedeterminedby:
∆ViN =
IOut(MAx)•reSr(CiN) + IOut(MAx)•VOut•(ViN - VOut)
V2iN • ƒs • CiN
The capacitor type suitable for the output
capacitors can also be used for the input
capacitors. However, exercise extra caution
whentantalumcapacitorsareused.Tantalum
capacitors are known for catastrophic failure
when exposed to surge current, and input
capacitors are prone to such surge current
when power supplies are connected “live”
to low impedance power sources. Although
tantalum capacitors have been successfully
employed at the input, it is generally not
recommended.
Loop Compensation Design
The open loop gain of the whole system can
be divided into the gain of the error ampli-
fier,PWMmodulator,buckconverteroutput
stage, and feedback resistor divider. In order
to cross over at the desired frequency cut-off
(FCO),thegainoftheerroramplifiermust
compensate for the attenuation caused by
the rest of the loop at this frequency. The
goal of loop compensation is to manipu-
late loop frequency response such that its
crossover gain at 0db, results in a slope of
-20db/decade.
The first step of compensation design is
to pick the loop crossover frequency. High
crossover frequency is desirable for fast
transientresponse,butoftenjeopardizesthe
power supply stability. Crossover frequency
should be higher than the ESR zero but
less than /5 of the switching frequency or
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com