Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR950Z Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR950Z
Description  50A, 35nsec typ., 100-200 V Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR950Z Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR950Z Datasheet HTML 1Page - Solid States Devices, Inc SDR950Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDR950 __ __ __
+ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
¦
¦
¦
¦
¦
+ Leg Bend Option
(See Figure 1)
¦
¦
¦
¦
¦
¦
¦
+
Package M = TO-254, Z = TO-254Z
SDR950M & Z
Thru
SDR952M & Z
50A, 35nsec typ., 100-200 V
Hyper Fast Rectifier
Features:
Hyper Fast Recovery: 50nsec Maximum
3/
High Surge Rating
Low Reverse Leakage Current
Low Junction Capacitance
Hermetically Sealed Package
Gold Eutectic Die Attach
Ultrasonic Aluminum Wire Bonds
Higher Voltages and Faster Recovery Times
Available, Contact Factory
Ceramic Seal for Improved Hermeticity Available
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR950M & Z
SDR951M & Z
SDR952M & Z
VRRM
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
5/
Io
50
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, or equivalent DC)
4/
IFSM
350
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
4/
RθJC
0.85
ºC/W
-
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF =10 Amp, di/dt = 200A/µs
4/ Pins 2 and 3 Tied Together.
5/ TC = 150°C, Derate to 0A @ 200°C.
-
TO-254 (M)
-
TO-254Z (Z)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0039K
DOC


Similar Part No. - SDR950Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR950 SSDI-SDR950 Datasheet
203Kb / 2P
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR950-3 SSDI-SDR950-3 Datasheet
194Kb / 2P
60 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR950-61 SSDI-SDR950-61 Datasheet
204Kb / 2P
HYPER FAST RECTIFIER
SDR950/3 SSDI-SDR950/3 Datasheet
194Kb / 2P
60 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR950/61 SSDI-SDR950/61 Datasheet
203Kb / 2P
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
More results

Similar Description - SDR950Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620J SSDI-SDR620J Datasheet
229Kb / 2P
20A, 35nsec, 100-200 V Hyper Fast Rectifier
SDR953M SSDI-SDR953M Datasheet
83Kb / 2P
50A, 35nsec, 300-600 V Hyper Fast Rectifier
SDR950S1 SSDI-SDR950S1 Datasheet
35Kb / 2P
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR950 SSDI-SDR950 Datasheet
203Kb / 2P
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR623 SSDI-SDR623 Datasheet
53Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623G SSDI-SDR623G Datasheet
47Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623CTS1 SSDI-SDR623CTS1 Datasheet
48Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR620G SSDI-SDR620G Datasheet
33Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR620-28 SSDI-SDR620-28 Datasheet
41Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR623CTC SSDI-SDR623CTC Datasheet
54Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com