Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR952Z Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR952Z
Description  50A, 35nsec typ., 100-200 V Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR952Z Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR952Z Datasheet HTML 1Page - Solid States Devices, Inc SDR952Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDR950 __ __ __
+ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
¦
¦
¦
¦
¦
+ Leg Bend Option
(See Figure 1)
¦
¦
¦
¦
¦
¦
¦
+
Package M = TO-254, Z = TO-254Z
SDR950M & Z
Thru
SDR952M & Z
50A, 35nsec typ., 100-200 V
Hyper Fast Rectifier
Features:
•
Hyper Fast Recovery: 50nsec Maximum
3/
•
High Surge Rating
•
Low Reverse Leakage Current
•
Low Junction Capacitance
•
Hermetically Sealed Package
•
Gold Eutectic Die Attach
•
Ultrasonic Aluminum Wire Bonds
•
Higher Voltages and Faster Recovery Times
Available, Contact Factory
•
Ceramic Seal for Improved Hermeticity Available
•
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR950M & Z
SDR951M & Z
SDR952M & Z
VRRM
VRWM
VR
100
150
200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
5/
Io
50
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, or equivalent DC)
4/
IFSM
350
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Total Thermal Resistance
Junction to Case
4/
RθJC
0.85
ºC/W
-
Notes:
1/ For ordering information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Recovery Conditions: IF =10 Amp, di/dt = 200A/µs
4/ Pins 2 and 3 Tied Together.
5/ TC = 150°C, Derate to 0A @ 200°C.
-
TO-254 (M)
-
TO-254Z (Z)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0039K
DOC


Similar Part No. - SDR952Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR952-61 SSDI-SDR952-61 Datasheet
204Kb / 2P
HYPER FAST RECTIFIER
SDR952/3 SSDI-SDR952/3 Datasheet
194Kb / 2P
60 AMP 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR952/61 SSDI-SDR952/61 Datasheet
203Kb / 2P
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR952CT SSDI-SDR952CT Datasheet
229Kb / 2P
80AMP ULTRA FAST RECOVERY RECTIFIER POSITIVE CENTERTAP 200 -500 VOLTS
SDR952CT/3 SSDI-SDR952CT/3 Datasheet
209Kb / 2P
120 AMP 100 - 200 VOLTS 35 nsec HYPER FAST COMMONCATHODE CENTERTAP RECTIFIER
More results

Similar Description - SDR952Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620J SSDI-SDR620J Datasheet
229Kb / 2P
20A, 35nsec, 100-200 V Hyper Fast Rectifier
SDR953M SSDI-SDR953M Datasheet
83Kb / 2P
50A, 35nsec, 300-600 V Hyper Fast Rectifier
SDR950S1 SSDI-SDR950S1 Datasheet
35Kb / 2P
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR950 SSDI-SDR950 Datasheet
203Kb / 2P
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR623 SSDI-SDR623 Datasheet
53Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623G SSDI-SDR623G Datasheet
47Kb / 2P
20A 35nsec 300-600 V Hyper Fast Rectifier
SDR623CTS1 SSDI-SDR623CTS1 Datasheet
48Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR620G SSDI-SDR620G Datasheet
33Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR620-28 SSDI-SDR620-28 Datasheet
41Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR623CTC SSDI-SDR623CTC Datasheet
54Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com