Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3395 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3395
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3395 Datasheet(HTML) 3 Page - RF Micro Devices

  RF3395 Datasheet HTML 1Page - RF Micro Devices RF3395 Datasheet HTML 2Page - RF Micro Devices RF3395 Datasheet HTML 3Page - RF Micro Devices RF3395 Datasheet HTML 4Page - RF Micro Devices RF3395 Datasheet HTML 5Page - RF Micro Devices RF3395 Datasheet HTML 6Page - RF Micro Devices RF3395 Datasheet HTML 7Page - RF Micro Devices RF3395 Datasheet HTML 8Page - RF Micro Devices RF3395 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-593
RF3395
Rev A5 060908
Pin
Function
Description
Interface Schematic
1NC
No internal connections. It is not necessary to ground this pin.
2RF IN
RF input pin. This pin is NOT internally DC blocked. A DC blocking
capacitor, suitable for the frequency of operation, should be used in
most applications. DC coupling of the input is not allowed, because this
will override the internal feedback loop and cause temperature instabil-
ity.
3NC
No internal connections. It is not necessary to ground this pin.
4GND
Ground connection.
5GND
Ground connection.
6GND
Ground connection.
7NC
No internal connections. It is not necessary to ground this pin.
8RF OUT
RF output and bias pin. Biasing is accomplished with an external series
resistor and choke inductor to VCC. The resistor is selected to set the
DC current into this pin to a desired level. The resistor value is deter-
mined by the following equation:
Care should also be taken in the resistor selection to ensure that the
current into the part never exceeds 80mA over the planned oper-
ating temperature. This means that a resistor between the supply and
this pin is always required, even if a supply near 5.0V is available, to
provide DC feedback to prevent thermal runaway. Because DC is
present on this pin, a DC blocking capacitor, suitable for the frequency
of operation, should be used in most applications. The supply side of
the bias network should also be well bypassed.
9NC
No internal connections. It is not necessary to ground this pin.
10
GND
Ground connection.
11
GND
Ground connection.
12
GND
Ground connection.
Die
Flag
GND
Ground connection. To ensure best performance, avoid placing ground
vias directly beneath the part.
R
V
SUPPLY
V
DEVICE
–
()
I
CC
-------------------------------------------------------
=
RF OUT
RF IN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com