Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3395 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF3395
Description  GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3395 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF3395 Datasheet HTML 2Page - RF Micro Devices RF3395 Datasheet HTML 3Page - RF Micro Devices RF3395 Datasheet HTML 4Page - RF Micro Devices RF3395 Datasheet HTML 5Page - RF Micro Devices RF3395 Datasheet HTML 6Page - RF Micro Devices RF3395 Datasheet HTML 7Page - RF Micro Devices RF3395 Datasheet HTML 8Page - RF Micro Devices RF3395 Datasheet HTML 9Page - RF Micro Devices RF3395 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4-596
RF3395
Rev A5 060908
Gain versus Frequency Across Temperature
(ICC = 65 mA)
8.0
9.0
10.0
11.0
12.0
13.0
14.0
100.0
1100.0
2100.0
3100.0
4100.0
5100.0
6100.0
Frequency (MHz)
-40°C
+25°C
+85°C
Output P1dB versus Frequency Across Temperature
(ICC = 65 mA)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
100.0
600.0
1100.0
1600.0
2100.0
2600.0
3100.0
3600.0
4100.0
Frequency (MHz)
-40°C
+25°C
+85°C
Output IP3 versus Frequency Across Temperature
(ICC = 65 mA)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
100.0
600.0
1100.0
1600.0
2100.0
2600.0
3100.0
3600.0
4100.0
Frequency (MHz)
-40°C
+25°C
+85°C
Noise Figure versus Frequency Across Temperature
(ICC = 65 mA)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
100.0
600.0
1100.0
1600.0
2100.0
2600.0
3100.0
Frequency (MHz)
-40°C
+25°C
+85°C
Input VSWR versus Frequency Across Temperature
(ICC = 65 mA)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
100.0
1100.0
2100.0
3100.0
4100.0
5100.0
6100.0
Frequency (MHz)
-40°C
+25°C
+85°C
Output VSWR versus Frequency Across Temperature
(ICC = 65 mA)
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
100.0
1100.0
2100.0
3100.0
4100.0
5100.0
6100.0
Frequency (MHz)
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com