Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA5264PS/M3 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA5264PS/M3
Description  10 and 1 page intelligent teletext decoders
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5264PS/M3 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA5264PS/M3 Datasheet HTML 9Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 10Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 11Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 12Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 13Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 14Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 15Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 16Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2000 Jan 27
13
Philips Semiconductors
Preliminary specification
10 and 1 page intelligent teletext decoders
SAA5264; SAA5265
Notes
1. Periphery supply current is dependent on I/O external components and voltage levels.
2. Crystal order number 4322 143 05561. If crystal 4322 143 05561 is not used, then the formulae in the crystal
specification should be used.
3. Cosc may need to be reduced from the initially selected value. Cchip = 7 pF, the mean of the capacitances due to the
chip at XTALIN and at XTALOUT. Cstray is a value for the mean of the stray capacitances due to the external circuit
at XTALIN and XTALOUT. The maximum value for Cxtal(hold) is to ensure start-up.
Crystal oscillator
XTALIN (PIN 41)
VIL
LOW-level input
voltage
VSSA
−−
V
VIH
HIGH-level input
voltage
−−
VDDA
V
Ci
input capacitance
−−
10
pF
XTALOUT (PIN 42)
Co
output capacitance
−−
10
pF
Crystal specification; notes 2 and 3
fxtal(nom)
nominal frequency
fundamental
mode
−
12
−
MHz
CL
load capacitance
−−
30
pF
Cmot
motional capacitance
Tamb =25 °C
−−
20
fF
Rxtal
crystal resonance
resistance
Tamb =25 °C
−−
60
Ω
Cosc
capacitance at
XTALIN, XTALOUT
Tamb =25 °C
−−
pF
Cxtal(hold)
crystal holder
capacitance
Tamb =25 °C
−−
pF
Txtal
crystal temperature
range
−20
+25
+85
°C
Xj
adjustment tolerance
Tamb =25 °C
−−
±50 × 10−6
Xd
drift
−−
±100 × 10−6
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
2C
L
C
chip
–
C
stray
–
35
C
osc
2
------------
–
C
chip
2
-------------
–
C
stray
2
---------------
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com