Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA5264PS/M3 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA5264PS/M3
Description  10 and 1 page intelligent teletext decoders
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5264PS/M3 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA5264PS/M3 Datasheet HTML 1Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 2Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 3Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 4Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 5Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 6Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 7Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 8Page - NXP Semiconductors SAA5264PS/M3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2000 Jan 27
2
Philips Semiconductors
Preliminary specification
10 and 1 page intelligent teletext decoders
SAA5264; SAA5265
FEATURES
The following features apply to both SAA5264 and
SAA5265:
• Complete 625 line teletext decoder in one chip reduces
printed circuit board area and cost
• Automatic detection of transmitted fastext links or
service information (packet 8/30)
• On-Screen Display (OSD) for user interface menus
using teletext and dedicated menu icons
• Video Programming System (VPS) decoding
• Wide Screen Signalling (WSS) decoding
• Pan-European, Cyrillic, Greek/Turkish and
French/Arabic character sets in each chip
• High-level command interface via I2C-bus gives easy
control with a low software overhead
• High-level command interface is backward compatible
to Stand-Alone Fastext And Remote Interface (SAFARI)
• 625 and 525 line display
• RGB interface to standard colour decoder ICs, current
source
• Versatile 8-bit open-drain Input/Output (I/O) expander,
5 V tolerant
• Single 12 MHz crystal oscillator
• 3.3 V supply voltage.
SAA5264 features
• Automatic detection of transmitted pages to be selected
by page up and page down
• 8 Page fastext decoder
• Table Of Pages (TOP) decoder with Basic Top Table
(BTT) and Additional Information Tables (AITs)
• 4 Page user-defined list mode.
GENERAL DESCRIPTION
The SAA5264 is a single-chip ten page 625-line World
System Teletext decoder with a high-level command
interface, and is SAFARI compatible.
The SAA5265 is a single-chip one page version of the
SAA5264.
Both devices are designed to minimize the overall system
cost, due to the high-level command interface offering the
benefit of a low software overhead in the TV
microcontroller.
The SAA5264 has the following functionality:
• 10 page teletext decoder with OSD, Fastext, TOP,
default and list acquisition modes
• Automatic channel installation support
• Closed caption acquisition and display
• Violence Chip (VChip) support.
The SAA5265 has the following functionality:
• 1 Page teletext decoder with OSD, fastext and default
acquisition modes
• Automatic channel installation support
• Closed caption acquisition and display
• VChip support
• No EEPROM fitted (there is no list mode feature).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com