Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5110G Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5110G
Description  3V GSM POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5110G Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5110G Datasheet HTML 3Page - RF Micro Devices RF5110G Datasheet HTML 4Page - RF Micro Devices RF5110G Datasheet HTML 5Page - RF Micro Devices RF5110G Datasheet HTML 6Page - RF Micro Devices RF5110G Datasheet HTML 7Page - RF Micro Devices RF5110G Datasheet HTML 8Page - RF Micro Devices RF5110G Datasheet HTML 9Page - RF Micro Devices RF5110G Datasheet HTML 10Page - RF Micro Devices RF5110G Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
2-7
RF5110G
Rev A3 060814
Application Schematic
150MHz FM Band
Application Schematic
220MHz FM Band
10 nF
10 pF
180
Ω
C11
2
56 pF
56 pF
1 nF
1
μH1
Coilcraft
DO1608C-102
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
10 nF
8.2 nH
27 pF
1 nF
VCC1
VCC2
33 nH
10 nF
L4
15 nH
10 nF
1 nF
RF OUT
RF IN
VCC
VCC
VAPC
VAPC
47 pF
100 nH
1
100 pF
0
Ω
C10
2
33 pF
VCC = 3.0 V to 3.5 V
Efficiency > 45%
POUT = 32 dBm MAX (for 100% duty cycle)
1Requires layout change to standard evaluation board.
2C10 and C11 adjacent to L4.
3.3
μF
+
3.3
μF
10 nF
10 pF
180
Ω
C10
2
33 pF
C11
3
39 pF
56 pF
1 nF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
10 nF
8.2 nH
27 pF
1 nF
VCC1
VCC2
33 nH
0
Ω
10 nF
10 nH
10 nF
1 nF
RF OUT
RF IN
VCC
VCC
VAPC
VAPC
47 pF
100 nH
1
100 pF
VCC = 3.0 V to 3.5 V
Efficiency > 45%
POUT = 32 dBm MAX (for 100% duty cycle)
1Requires layout change to standard evaluation board.
2C10 is adjacent to L4.
3C11 is 140 mils from L4.
1
μH1
Coilcraft
DO1608C-102
3.3
μF
3.3
μF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com