Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5110G Datasheet (PDF) - RF Micro Devices

RF5110G Datasheet PDF - RF Micro Devices
Part # RF5110G
Download  RF5110G Download
File Size   233.55 Kbytes
Page   18 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V GSM POWER AMPLIFIER

RF5110G Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5110G Datasheet PDF - RF Micro Devices

Part # RF5110G
Download  RF5110G Click to download

File Size   233.55 Kbytes
Page   18 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V GSM POWER AMPLIFIER

RF5110G Datasheet (HTML) - RF Micro Devices


RF5110G Product details

Product Description

The RF5110G is a high-power, high-efficiency power amplifier module offering high performance in GSM OR GPRS applications. The device is manufactured on an advanced GaAs HBT process, and has been designed for use as the final RF amplifier in GSM hand-held digital cellular equipment and other applications in the 800MHz to 950MHz band. On-board power control provides over 70dB of control range with an analog voltage input, and provides power down with a logic “low” for standby operation. The device is self-contained with 50Ω input and the output can be easily matched to obtain optimum power and efficiency characteristics. The RF5110G can be used together with the RF5111 for dual-band operation. The device is packaged in an ultra-small 3mmx3mmx1mm plastic package, minimizing the required board space.



Features

Single 2.7V to 4.8V Supply Volt age

+36dBm Output Power at 3.5V

32dB Gain with Analog Gain Control

57% Efficiency

800MHz to 950MHz Operation

Supports GSM and E-GSM



Applications

3V GSM Cellular Handsets

3V Dual-Band/Triple-Band Hand sets

GPRS Compatible

Commercial and Consumer Systems

Portable Battery-Powered Equipment

FM Radio Applications:

  150MHz/220MHz/

  450MHz/865MHz/915MHz




Similar Part No. - RF5110G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5110G RFMD-RF5110G Datasheet
831Kb / 22P
3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110G QORVO-RF5110G Datasheet
2Mb / 16P
3V General Purpose/GSM Power Amplifier
logo
RF Micro Devices
RF5110GPCBA-410 RFMD-RF5110GPCBA-410 Datasheet
831Kb / 22P
3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110GPCK-410 QORVO-RF5110GPCK-410 Datasheet
2Mb / 16P
3V General Purpose/GSM Power Amplifier
logo
RF Micro Devices
RF5110GTR7 RFMD-RF5110GTR7 Datasheet
831Kb / 22P
3V GSM POWER AMPLIFIER
More results


Similar Description - RF5110G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2138 RFMD-RF2138 Datasheet
145Kb / 10P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173 Datasheet
138Kb / 10P
3V GSM POWER AMPLIFIER
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
Multiband GSM Power Amplifier
logo
RF Micro Devices
RF2173 RFMD-RF2173_06 Datasheet
172Kb / 14P
3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110 Datasheet
169Kb / 12P
3V GSM POWER AMPLIFIER
RF5110G RFMD-RF5110G_07 Datasheet
831Kb / 22P
3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110_1 Datasheet
278Kb / 14P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_1 Datasheet
280Kb / 14P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_13 Datasheet
163Kb / 13P
3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110G QORVO-RF5110G Datasheet
2Mb / 16P
3V General Purpose/GSM Power Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com