Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2138 Datasheet (PDF) - RF Micro Devices

RF2138 Datasheet PDF - RF Micro Devices
Part # RF2138
Download  RF2138 Download
File Size   145.48 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V GSM POWER AMPLIFIER

RF2138 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2138 Datasheet PDF - RF Micro Devices

Part # RF2138
Download  RF2138 Click to download

File Size   145.48 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V GSM POWER AMPLIFIER

RF2138 Datasheet (HTML) - RF Micro Devices


RF2138 Product details

Product Description
The RF2138 is a high power, high efficiency power amplifier module offering high performance in GSM or GPRS applications. The device is manufactured on an advanced GaAs HBT process, and has been designed for use as the final RF amplifier in GSM hand held-digital cellular equipment and other applications in the 800MHz to 950MHz band.

Features
• Single 2.7V to 4.8V Supply Voltage
• +36dBm Output Power at 3.5V
• 32dB Gain with Analog Gain Control
• 58% Efficiency
• 800MHz to 950MHz Operation
• Supports GSM and E-GSM

Typical Applications
• 3V GSM Cellular Handsets
• 3V Dual-Band/Triple-Band Handsets
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• GPRS Compatible




Similar Part No. - RF2138

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2131 RFMD-RF2131 Datasheet
84Kb / 10P
HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
RF2131PCBA RFMD-RF2131PCBA Datasheet
84Kb / 10P
HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
RF2132PCBA RFMD-RF2132PCBA Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
More results


Similar Description - RF2138

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2173 RFMD-RF2173 Datasheet
138Kb / 10P
3V GSM POWER AMPLIFIER
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
Multiband GSM Power Amplifier
logo
RF Micro Devices
RF2173 RFMD-RF2173_06 Datasheet
172Kb / 14P
3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110 Datasheet
169Kb / 12P
3V GSM POWER AMPLIFIER
RF5110G RFMD-RF5110G Datasheet
233Kb / 18P
3V GSM POWER AMPLIFIER
RF5110G RFMD-RF5110G_07 Datasheet
831Kb / 22P
3V GSM POWER AMPLIFIER
RF5110 RFMD-RF5110_1 Datasheet
278Kb / 14P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_1 Datasheet
280Kb / 14P
3V GSM POWER AMPLIFIER
RF2173 RFMD-RF2173_13 Datasheet
163Kb / 13P
3V GSM POWER AMPLIFIER
logo
Qorvo, Inc
RF5110G QORVO-RF5110G Datasheet
2Mb / 16P
3V General Purpose/GSM Power Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com