Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2131 Datasheet (PDF) - RF Micro Devices

RF2131 Datasheet PDF - RF Micro Devices
Part # RF2131
Download  RF2131 Download
File Size   84.72 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH EFFICIENCY AMPS/ETACS AMPLIFIER

RF2131 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2131 Datasheet PDF - RF Micro Devices

Part # RF2131
Download  RF2131 Click to download

File Size   84.72 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH EFFICIENCY AMPS/ETACS AMPLIFIER

RF2131 Datasheet (HTML) - RF Micro Devices


RF2131 Product details

Product Description
The RF2131 is a high-power, high-efficiency amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in AMPS and ETACS handheld equipment, spread spectrum systems, CDPD, and other applications in the 800MHz to 950MHz band. On-board power control provides over 30dB of control range with an analog voltage input, and provides power down with a logic "low" for standby operation. Although it is intended for class C operation, linear class AB operation can be achieved by raising the bias level. The device is self-contained with 50Ω input and the output can be easily matched to obtain optimum power and efficiency characteristics.

Features
• Single 4.0V to 7.0V Supply
• 1.2W Output Power
• 25dB Gain With Analog Gain Control
• 64% Efficiency
• Digitally Controlled Power Down Mode
• 800MHz to 950MHz Operation

Typical Applications
• AMPS/ETACS Cellular Handsets
• CDPD Portable Data Cards
• 900MHz ISM Band Equipment
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment




Similar Part No. - RF2131

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
RF2132PCBA RFMD-RF2132PCBA Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2132PCBA-41X RFMD-RF2132PCBA-41X Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
More results


Similar Description - RF2131

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER151G JGD-HER151G Datasheet
164Kb / 2P
1.5 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
HER201G JGD-HER201G Datasheet
172Kb / 2P
2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Agilent(Hewlett-Packard...
AT-33225 HP-AT-33225 Datasheet
118Kb / 10P
4.8 V NPN Common Emitter Output Power Transistor for AMPS, ETACS Phones
logo
Astec America, Inc
ALQ50 ASTEC-ALQ50 Datasheet
275Kb / 2P
High Efficiency Quarter Brick, 50 Amps
logo
Micro Analog systems
MAS9191A MAS-MAS9191A Datasheet
438Kb / 36P
Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201 Datasheet
67Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
HER201 TSC-HER201_1 Datasheet
269Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
HER201 TSC-HER201_10 Datasheet
551Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
logo
NXP Semiconductors
MMZ09332B NXP-MMZ09332B Datasheet
1Mb / 28P
High Efficiency/Linearity Amplifier
Rev. 0, 8/2015
MMZ38333B NXP-MMZ38333B Datasheet
1Mb / 31P
High Efficiency/Linearity Amplifier
Rev. 0, 01/2017
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com