Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2131 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2131
Description  HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2131 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2131 Datasheet HTML 1Page - RF Micro Devices RF2131 Datasheet HTML 2Page - RF Micro Devices RF2131 Datasheet HTML 3Page - RF Micro Devices RF2131 Datasheet HTML 4Page - RF Micro Devices RF2131 Datasheet HTML 5Page - RF Micro Devices RF2131 Datasheet HTML 6Page - RF Micro Devices RF2131 Datasheet HTML 7Page - RF Micro Devices RF2131 Datasheet HTML 8Page - RF Micro Devices RF2131 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ü
2-99
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PC
NC
VCC2
GND
GND
GND1
RF IN
VCC1
NC
RF OUT
RF OUT
GND
GND
RF OUT
RF OUT
NC
BIAS
RF2131
HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
• AMPS/ETACS Cellular Handsets
• CDPD Portable Data Cards
• 900MHz ISM Band Equipment
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
The RF2131 is a high-power, high-efficiency amplifier IC.
The device is manufactured on an advanced Gallium Ars-
enide Heterojunction Bipolar Transistor (HBT) process,
and has been designed for use as the final RF amplifier in
AMPS and ETACS handheld equipment, spread spec-
trum systems, CDPD, and other applications in the
800MHz to 950MHz band. On-board power control pro-
vides over 30dB of control range with an analog voltage
input, and provides power down with a logic "low" for
standby operation. Although it is intended for class C
operation, linear class AB operation can be achieved by
raising the bias level. The device is self-contained with
50
Ω input and the output can be easily matched to obtain
optimum power and efficiency characteristics.
• Single 4.0V to 7.0V Supply
• 1.2W Output Power
• 25dB Gain With Analog Gain Control
• 64% Efficiency
• Digitally Controlled Power Down Mode
• 800MHz to 950MHz Operation
RF2131
High Efficiency AMPS/ETACS Amplifier
RF2131 PCBA
Fully Assembled Evaluation Board
2
Rev B4 010417
0.035
0.016
0.010
0.008
8° MAX
0° MIN
0.021
0.014
0.392
0.386
0.158
0.150
0.244
0.230
0.069
0.064
0.050
0.060
0.054
-A-
0.009
0.004
Package Style: Standard Batwing


Similar Part No. - RF2131

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
RF2132PCBA RFMD-RF2132PCBA Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2132PCBA-41X RFMD-RF2132PCBA-41X Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
More results

Similar Description - RF2131

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER151G JGD-HER151G Datasheet
164Kb / 2P
1.5 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
HER201G JGD-HER201G Datasheet
172Kb / 2P
2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Agilent(Hewlett-Packard...
AT-33225 HP-AT-33225 Datasheet
118Kb / 10P
4.8 V NPN Common Emitter Output Power Transistor for AMPS, ETACS Phones
logo
Astec America, Inc
ALQ50 ASTEC-ALQ50 Datasheet
275Kb / 2P
High Efficiency Quarter Brick, 50 Amps
logo
Micro Analog systems
MAS9191A MAS-MAS9191A Datasheet
438Kb / 36P
Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
logo
Taiwan Semiconductor Co...
HER201 TSC-HER201 Datasheet
67Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
HER201 TSC-HER201_1 Datasheet
269Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
HER201 TSC-HER201_10 Datasheet
551Kb / 2P
2.0 AMPS. High Efficiency Rectifiers
logo
NXP Semiconductors
MMZ09332B NXP-MMZ09332B Datasheet
1Mb / 28P
High Efficiency/Linearity Amplifier
Rev. 0, 8/2015
MMZ38333B NXP-MMZ38333B Datasheet
1Mb / 31P
High Efficiency/Linearity Amplifier
Rev. 0, 01/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com