Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2131 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2131
Description  HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2131 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2131 Datasheet HTML 1Page - RF Micro Devices RF2131 Datasheet HTML 2Page - RF Micro Devices RF2131 Datasheet HTML 3Page - RF Micro Devices RF2131 Datasheet HTML 4Page - RF Micro Devices RF2131 Datasheet HTML 5Page - RF Micro Devices RF2131 Datasheet HTML 6Page - RF Micro Devices RF2131 Datasheet HTML 7Page - RF Micro Devices RF2131 Datasheet HTML 8Page - RF Micro Devices RF2131 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2-102
RF2131
Rev B4 010417
2
Theory of Operation and Application Information
The RF2131is a two-stagedevicewith25 dBgain at
full power. Therefore, for +31dBm output power, the
drive required to fully saturate the output is +6dBm.
Based upon HBT (Heterojunction Bipolar Transistor)
technology, the part requires only a single positive
4.8 V supply to operate to full specification. Bias control
is provided through a single pin interface, and the final
stage ground is achieved through the large pins on
both sides of the package. First stage ground is
brought out through a separate ground pin for isolation
from the output. These grounds should be connected
directly with vias to the PCB ground plane. The output
is brought out through the 4 output pins, and combined
off-chip to form the RF output signal path.
The amplifier operates in Class AB bias mode. The
final stage is "deep AB", meaning the quiescent current
is very low, around 40 mA. As the RF drive is
increased, the final stage self-biases, causing the bias
point to shift up and, at full power, draws about 340mA.
The optimum load for the output stage is approximately
10
Ω. This is the load at the output collector, and is cre-
ated by the series inductance formed by the output
bond wires, leads, and microstrip, and a shunt capaci-
tor external to the part. With this match, a 50
Ω terminal
impedance is achieved. The input is matched to 50
Ω
with just a blocking capacitor needed. This data sheet
defines the configuration for AMPS operation, but the
output load may be modified slightly for ETACS opera-
tion. In any case the optimum load for 1.2W is the
same at the device, and only the reactive elements
must change to perform the transformation from 50
Ω
down to 10
Ω.
The input is DC coupled; thus, a blocking cap must be
inserted in series. Also, the first stage bias may be
adjusted by a resistive divider with high value resistors
on this pintoVPC and ground. For nominal operation,
however, no external adjustment is necessary as inter-
nal resistors set the bias point optimally.
VCC2 provides supply voltage to the first stage, as well
as provides some frequency selectivity to tune to the
operating band. Essentially, the bias is fed to this pin
through a short microstrip. A bypass capacitor sets the
inductance seen by the part, so placement of the
bypass cap can affect the frequency of the gain peak.
For ETACS, the capacitor placement is slightly different
than for AMPS due to the frequency shift. This supply
should be bypassed individually with 33pF or 100pF
capacitors before being combined with VCC for the out-
put stage to prevent feedback and oscillations.
The RF OUT pins provide the output power. Pins 10
and 11 should be combined externally with pins 14 and
15 with a symmetric combiner, as shown in the PCB
layout. Care should be taken to ensure that the output
paths are symmetric up to the point of combining. This
prevents
"odd-mode"
cancellation
from
occurring
wherein one side may get out-of-phase with the other,
affecting efficiency and stability. Bias for the final stage
is fed to this output line, and the feed must be capable
of supporting the approximately 400mA of current
required. Care should also be taken to keep the losses
low in the bias feed and output components. DC losses
in the bias choke will degrade efficiency and power.
The part will operate over a 4.0V to 4.8 V range. If, for
example, the full power is desired at minimum voltage,
then the load can be optimized at that point. This is
illustrated in Application Schematic 2. At that point, the
specified efficiency and power should be attainable. As
the voltage is increased, however, the output power will
increase. Thus, in a system design, the ALC (Auto-
matic Level Control) Loop will back down the power to
the desired level. This will occur at a less-than-opti-
mum efficiency, since the load is optimized for mini-
mum voltage. If the load is set up to optimize power
and efficiency at nominal operating voltage, then max
efficiency should be attainable there. This case is illus-
trated in Application Schematic 1. As the voltage drops
to minimum, power will degrade, but the efficiency
tends to be maintained. For nominal 31.5dBm at 4.8V
setup, as the voltage drops to 4.0V, the output power
drops to 30.5dBm with a constant VPC.
The HBT breakdown voltage is >20V, so nominally at
4.8 V there should be no issue with overvoltage. Under
extreme conditions, however, which can occur in a cel-
lular handset environment, the supply voltage could be
as high as 7.5 V to 8.5V. These conditions may corre-
spond to operation in a battery charger, especially with
the battery removed, which "unloads" the supply cir-
cuit. To add to this worst-case scenario, the RF drive
may be at full power during transmit, and the output
VSWR could be extremely high, corresponding to a
broken or removed antenna. Under all of the above
conditions, the peak RF voltages could well exceed two
times the supply voltage, forcing the device into break-
down. The RF2131 includes overvoltage protection
diodes at the output, which begin clipping the wave-
form peaks at approximately 15V. This protects the
device’s output from breaking down under these worst-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com