Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5117CPCBA Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF5117CPCBA
Description  3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5117CPCBA Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF5117CPCBA Datasheet HTML 4Page - RF Micro Devices RF5117CPCBA Datasheet HTML 5Page - RF Micro Devices RF5117CPCBA Datasheet HTML 6Page - RF Micro Devices RF5117CPCBA Datasheet HTML 7Page - RF Micro Devices RF5117CPCBA Datasheet HTML 8Page - RF Micro Devices RF5117CPCBA Datasheet HTML 9Page - RF Micro Devices RF5117CPCBA Datasheet HTML 10Page - RF Micro Devices RF5117CPCBA Datasheet HTML 11Page - RF Micro Devices RF5117CPCBA Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2-583
RF5117C
Rev A5 060517
Evaluation Board with 11g Tuning
Gain versus VREG
for 11g Tuned PA
21
21.5
22
22.5
23
23.5
24
24.5
25
2.3
2.4
2.5
2.6
2.7
2.8
VREG (V)
Gain- (VCC=3V)
Gain- (VCC=3.3V)
EVM versus POUT (11g Tuned PA)
VCC = 3.0V, Gain = 23dB
0
20
40
60
80
100
120
140
14
14.5
15
15.5
16
16.5
17
17.5
18
POUT (dBm)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Icc(mA)2.4Vreg
Icc(mA)2.5Vreg
Icc(mA)2.6Vreg
Icc(mA)2.7Vreg
EVM%2.4Vreg
EVM%2.5Vreg
EVM%2.6Vreg
EVM%2.7Vreg
EVM versus POUT (11g Tuned PA)
VCC = 3.3V, Gain = 23dB
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
POUT (dBm)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Icc(mA)2.4Vreg
Icc(mA)2.5Vreg
Icc(mA)2.6Vreg
Icc(mA)2.7Vreg
EVM%2.4Vreg
EVM%2.5Vreg
EVM%2.6Vreg
EVM%2.7Vreg
ICC and Gain for 11b Waveform
in 11g Tuned PA
20
20.5
21
21.5
22
22.5
23
23.5
24
24.5
25
2.2
2.4
2.6
2.8
3
3.2
3.4
VREG (V)
150
160
170
180
190
200
210
220
230
240
250
Gain (3V, Po=22.5dBm)
Gain (3.3V, Po=23dBm)
Icc (3V, Po=22.5dBm)
Icc (3.3V, Po=23dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com