Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5117CPCBA Datasheet (PDF) - RF Micro Devices

RF5117CPCBA Datasheet PDF - RF Micro Devices
Part # RF5117CPCBA
Download  RF5117CPCBA Download
File Size   275.03 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER

RF5117CPCBA Datasheet (PDF)

Go To PDF Page Download Datasheet
RF5117CPCBA Datasheet PDF - RF Micro Devices

Part # RF5117CPCBA
Download  RF5117CPCBA Click to download

File Size   275.03 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER

RF5117CPCBA Datasheet (HTML) - RF Micro Devices


RF5117CPCBA Product details

Product Description

The RF5117C is a linear, medium-power, high-efficiency amplifier IC designed specifically for battery-powered WLAN applications such as PC cards, mini PCI, and compact flash applications. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in 2.5GHz WLAN and other spread-spectrum transmitters. The device is provided in a 3mmx3mm, 16-pin, leadless chip carrier with a backside ground. The RF5117C is designed to maintain linearity over a wide range of supply voltage and power output



Features

„ Single 3.3V Power Supply

„ +30dBm Saturated Output Power

„ 26dB Small Signal Gain

„ High Linearity

„ 1800MHz to 2800MHz Frequency Range

„ +17dBm PO, 11G, <3% EVM



Applications

„ IEEE802.11B WLAN Applications

„ IEEE802.11G WLAN Applications

„ 2.5GHz ISM Band Applications

„ Commercial and Consumer Systems

„ Portable Battery-Powered Equipment

„ Spread-Spectrum and MMDS Systems




Similar Part No. - RF5117CPCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5117CPCBA RFMD-RF5117CPCBA Datasheet
374Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
More results


Similar Description - RF5117CPCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
RF5117 RFMD-RF5117 Datasheet
274Kb / 10P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117 RFMD-RF5117_06 Datasheet
277Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5117C RFMD-RF5117C_1 Datasheet
374Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
RF5117 RFMD-RF5117_1 Datasheet
374Kb / 12P
3V, 1.8GHz TO 2.8GHz LINEAR POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com