Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5187 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5187
Description  LOW POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5187 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5187 Datasheet HTML 1Page - RF Micro Devices RF5187 Datasheet HTML 2Page - RF Micro Devices RF5187 Datasheet HTML 3Page - RF Micro Devices RF5187 Datasheet HTML 4Page - RF Micro Devices RF5187 Datasheet HTML 5Page - RF Micro Devices RF5187 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-650
RF5187
Rev A7 060630
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)
-0.5 to +6.5
VDC
Power Control Voltage (VPC)
-0.5 to +5V
V
DC Supply Current
300
mA
Input RF Power
+20
dBm
Output Load VSWR
20:1
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +100
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=5.0V, ICC=240mA,
Freq=2140MHz, POUT=13dBm
Frequency Range
800
2500
MHz
Output Power
13
dBm
OP1dB
29
dBm
Small Signal Gain
13
15
dB
Input VSWR
1.5:1
With external matching network.
Two-Tone Specification
Output IP3
41
43
45
dBm
13dBm per tone.
Power Control
VPC
2.7
3.1
3.7
V
To obtain 240mA idle current.
Power Control “OFF”
0.2
0.5
V
Threshold voltage at device input.
Power Supply
Power Supply Voltage
5
6
V
Supply Current
240
mA
Power Down Current
2
10
μAV
PC =0.2 V
Note: For infrastructure class operation, the maximum allowable current over all operating conditions is 260mA. This implies the need
for an external active bias control network to control ICC over temperature and normal process variation. A recommended active bias
control circuit is included in the datasheet.
The maximum continuous allowable dissipated power (ICC*VCC-PRF) for this part is 1.3W. For VCC=5.0V, this implies an ICC limit of
260mA. A VCC of 6.0V would have an ICC limit of 215mA.
A constant ICC of 180mA to 220mA provides an excellent combination of high linearity and low power dissipation. Refer to W-CDMA
ACP curves at bottom of datasheet.
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com