Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5187 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5187
Description  LOW POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5187 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5187 Datasheet HTML 1Page - RF Micro Devices RF5187 Datasheet HTML 2Page - RF Micro Devices RF5187 Datasheet HTML 3Page - RF Micro Devices RF5187 Datasheet HTML 4Page - RF Micro Devices RF5187 Datasheet HTML 5Page - RF Micro Devices RF5187 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2-649
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
1
2
3
4
8
7
6
5
RF IN
RF IN
PC
VCC
RF OUT
RF OUT
RF OUT
RF OUT
BIAS
CIRCUIT
PACKAGE BASE
GND
RF5187
LOW POWER LINEAR AMPLIFIER
• 2.14GHz UMTS Systems
• Digital Communication Systems
• PCS Communication Systems
• Commercial and Consumer Systems
The RF5187 is a highly-linear, low-power amplifier IC. It
has been designed for use as the driver RF amplifier in
applications such as W-CDMA basestations. The RF5187
requires an input and output matching network and power
supply feed line. The device is manufactured on an
advanced Gallium Arsenide HBT process, and is pack-
aged in a 8-pin plastic package with a backside ground.
• Single 3V to 6V Supply
• 10dBm to 20dBm Ultra Linear Output
Power
• 14dB Gain at 2.14GHz
• Power Down Mode
• 800MHz to 2500MHz Operation
RF5187
Low Power Linear Amplifier
RF5187PCBA-41X Fully Assembled Evaluation Board
0
Rev A7 060630
Shaded lead is pin 1.
0.157
0.150
0.244
0.230
0.196
0.189
0.0192
0.0138
0.050
0.065
0.055
0.004
0.002
-A-
8° MAX
0° MIN
0.035
0.016
0.0098
0.0075
0.087
0.071
0.123
0.107
EXPOSED
HEATSINK
Package Style: SOIC-8 Slug
RoHS Compliant & Pb-Free Product


Similar Part No. - RF5187

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5187 RFMD-RF5187 Datasheet
50Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF5187 RFMD-RF5187 Datasheet
207Kb / 8P
LOW POWER LINEAR AMPLIFIER
RF5187PCBA RFMD-RF5187PCBA Datasheet
50Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF5187PCBA-41X RFMD-RF5187PCBA-41X Datasheet
207Kb / 8P
LOW POWER LINEAR AMPLIFIER
RF5187 RFMD-RF5187_1 Datasheet
207Kb / 8P
LOW POWER LINEAR AMPLIFIER
More results

Similar Description - RF5187

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF5187 RFMD-RF5187 Datasheet
50Kb / 6P
LOW POWER LINEAR AMPLIFIER
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
RF5187 RFMD-RF5187_1 Datasheet
207Kb / 8P
LOW POWER LINEAR AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
logo
RF Micro Devices
RFGA2012 RFMD-RFGA2012 Datasheet
1Mb / 12P
InGaP HBT LOW POWER LINEAR AMPLIFIER
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com