Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6263 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF6263
Description  3V 900MHZ LINEAR POWER AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6263 Datasheet(HTML) 2 Page - RF Micro Devices

  RF6263 Datasheet HTML 1Page - RF Micro Devices RF6263 Datasheet HTML 2Page - RF Micro Devices RF6263 Datasheet HTML 3Page - RF Micro Devices RF6263 Datasheet HTML 4Page - RF Micro Devices RF6263 Datasheet HTML 5Page - RF Micro Devices RF6263 Datasheet HTML 6Page - RF Micro Devices RF6263 Datasheet HTML 7Page - RF Micro Devices RF6263 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF6263
Rev A0 DS070622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
V
Supply Voltage (P
OUT ≤ 31 dBm)
+5.2
V
Control Voltage (V
REG)+3.9
V
Input RF Power
+10
dBm
Mode Voltage (VMODE)+3.9
V
Operating Temperature
-30 to +110
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity Level
(IPC/JEDEC J-STD-20)
MSL 2 @ 260°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Power Mode - CDMA
(VMODE Low)
T=25oC Ambient, VCC=3.4V, VREG=2.8V,
VMODE=0V, and POUT=28dBm for all parame-
ters (unless otherwise specified).
Operating Frequency Range
824
849
MHz
Linear Gain
28
dB
Second Harmonics
-35
-30
dBc
Third Harmonics
-40
-30
dBc
Maximum Linear Output
28
Linear Efficiency
40
%
Maximum ICC
465
mA
ACPR @ 885kHz
-50
dBc
ACPR @ 1.98MHz
-58
dBc
Input VSWR
2:1
Stability in Band
6:1
No oscillation>-70dBc
Stability out of Band
10:1
No damage
Noise Power
-133
dBm/Hz
At 45MHz offset.
Low Power Mode - CDMA
(VMODE High)
T=25oC Ambient, VCC=3.4V, VREG=2.8V,
VMODE=2.8V, and POUT=19dBm for all param-
eters (unless otherwise specified).
Operating Frequency Range
824
849
MHz
Linear Gain
18
dB
Maximum Linear Output
19
Linear Efficiency
23
%
Maximum ICC
100
mA
70
mA
POUT=16dBm
ACPR @885kHz
-49
dBc
ACPR @1.98MHz
-62
dBc
Input VSWR
2:1
Output VSWR Stability
6:1
No oscillation>-70dBc
10:1
No damage
Caution! ESD sensitive device.
The information in this publication is believed to be accurate and reliable. How-
ever, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use,
nor for any infringement of patents, or other rights of third parties, resulting
from its use. No license is granted by implication or otherwise under any patent
or patent rights of RFMD. RFMD reserves the right to change component cir-
cuitry, recommended application circuitry and specifications at any time without
prior notice.
RoHS status based on EUDirective2002/95/EC (at time of this document revi-
sion).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com