Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6263 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF6263
Description  3V 900MHZ LINEAR POWER AMPLIFIER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6263 Datasheet(HTML) 1 Page - RF Micro Devices

  RF6263 Datasheet HTML 1Page - RF Micro Devices RF6263 Datasheet HTML 2Page - RF Micro Devices RF6263 Datasheet HTML 3Page - RF Micro Devices RF6263 Datasheet HTML 4Page - RF Micro Devices RF6263 Datasheet HTML 5Page - RF Micro Devices RF6263 Datasheet HTML 6Page - RF Micro Devices RF6263 Datasheet HTML 7Page - RF Micro Devices RF6263 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF IN
RF OUT
VMODE
NC
VREG
VCC2
VCC2
VCC2
16
15
14
13
1
2
3
4
8
7
6
5
9
10
11
12
Bias
RF6263
3V 900MHZ LINEAR POWER
AMPLIFIER MODULE
The RF6263 is a high-power, high-efficiency linear amplifier module spe-
cifically designed for 3V handheld systems. The device is manufactured
on an advanced third generation GaAs HBT process, and was designed for
use as the final RF amplifier in 3V IS-95/CDMA2000-1X/
AMPS handheld digital cellular equipment, spread-spectrum systems, and
other applications in the 824MHz to 849MHz band. The RF6263 has a
digital control pin which when enabled will allow the amplifier to operate
up to 19dBm output power with reduced current consumption. The low
power mode current consumption can be reduced by more than 50% that
of a standard power amplifier. The RF6263 is assembled in a 16-pin,
3mmx3mm, QFN package.
Features
Input Internally
Matched@50
Ω
Output Internally Matched
23% Linear Efficiency @
19dBm
40% Linear Efficiency @
28dBm
-50dBc ACPR @ 885kHz
18mA Idle Current in LPM
Applications
3V CDMA/AMPS Cellular
Handset
3V CDMA2000/1XRTT Cellu-
lar Handset
3V CDMA2000/1X-EV-DO US-
Cellular Handset
Spread-Spectrum System
RF6263
3V 900MHz Linear Power Amplifier Module
RF6263PCBA-41X
Fully Assembled Evaluation Board
Rev A0 DS070622
RoHS Compliant & Pb-Free Product
Package Style: QFN, 16-Pin, 3x3


Similar Part No. - RF6263

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
RF620R RFSOLUTIONS-RF620R Datasheet
132Kb / 7P
SmartRadio Transmitter / Receiver
RF620RA RFSOLUTIONS-RF620RA Datasheet
132Kb / 7P
SmartRadio Transmitter / Receiver
RF620T RFSOLUTIONS-RF620T Datasheet
132Kb / 7P
SmartRadio Transmitter / Receiver
RF620TA RFSOLUTIONS-RF620TA Datasheet
132Kb / 7P
SmartRadio Transmitter / Receiver
logo
RF Micro Devices
RF6288 RFMD-RF6288 Datasheet
119Kb / 1P
PA Load Insensitive
More results

Similar Description - RF6263

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
3V 900MHz LINEAR AMPLIFIER MODULE
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF3163 RFMD-RF3163 Datasheet
89Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_06 Datasheet
60Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163_1 Datasheet
216Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com