Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF7115 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF7115
Description  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115 Datasheet(HTML) 2 Page - RF Micro Devices

  RF7115 Datasheet HTML 1Page - RF Micro Devices RF7115 Datasheet HTML 2Page - RF Micro Devices RF7115 Datasheet HTML 3Page - RF Micro Devices RF7115 Datasheet HTML 4Page - RF Micro Devices RF7115 Datasheet HTML 5Page - RF Micro Devices RF7115 Datasheet HTML 6Page - RF Micro Devices RF7115 Datasheet HTML 7Page - RF Micro Devices RF7115 Datasheet HTML 8Page - RF Micro Devices RF7115 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
11-366
RF7115
Rev A0 060808
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.3 to +6.0
V
Power Control Voltage (VRAMP)
-0.3 to +1.8
V
Input RF Power
+10
dBm
Max Duty Cycle
50
%
Output Load VSWR
20:1
Operating Case Temperature
-20 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall Power Control
VRAMP
Power Control “ON”
1.5
V
Max. POUT, Voltage supplied to the input
Power Control “OFF”
0.2
0.25
V
Min. POUT, Voltage supplied to the input
VRAMP Input Capacitance
15
20
pF
DC to 2MHz
VRAMP Input Current
10
μAV
RAMP =VRAMP MAX
Turn On/Off Time
2
us
VRAMP=0V to VRAMP MAX
Power Control Range
50
dB
VRAMP=0.25V to VRAMP MAX
VRAMP POUT BW
2.0
2.5
MHz
Overall Power Supply
Power Supply Voltage
3.5
V
Specifications
3.0
5.5
V
Nominal operating limits
Power Supply Current
1
20
μAP
IN < -30 dBm, TX Enable = Low,
VRAMP=0V, Temp=-20°C to +85°C,
VBATT=5.5V
Overall Control Signals
B1, B2, B3 “Low”
0
0
0.5
V
B1, B2, B3 “High”
1.25
2.0
3.0
V
B1, B2, B3 “High Current”
1
2
uA
TX Enable “Low”
0
0
0.5
TX Enable “High”
1.25
2.0
3.0
V
TX Enable “High Current”
1
2
uA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com