Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF7115 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF7115
Description  QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7115 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF7115 Datasheet HTML 3Page - RF Micro Devices RF7115 Datasheet HTML 4Page - RF Micro Devices RF7115 Datasheet HTML 5Page - RF Micro Devices RF7115 Datasheet HTML 6Page - RF Micro Devices RF7115 Datasheet HTML 7Page - RF Micro Devices RF7115 Datasheet HTML 8Page - RF Micro Devices RF7115 Datasheet HTML 9Page - RF Micro Devices RF7115 Datasheet HTML 10Page - RF Micro Devices RF7115 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
11-371
RF7115
Rev A0 060808
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RX-Section
Nominal conditions
Insertion Loss, ANT-RX1-4
Temp=+25°C, VCC=3.5V
Freq 869MHz to 894MHz
1.0
1.3
dB
TX=Low, B1=Low, B2=Low, B3=High
Freq 925MHz to 960MHz
1.0
1.3
dB
TX=Low, B1=High, B2=Low, B3=X
Freq 1805MHz to 1880MHz
1.3
1.6
dB
TX=Low, B1=Low, B2=High, B3=X
Freq 1930MHz to 1990MHz
1.3
1.6
dB
TX=Low, B1=High, B2=High, B3=X
Insertion Loss, ANT-RX1-4
Extreme conditions
Freq 869MHz to 894MHz
1.4
1.7
dB
Temp=-20°C, +25°C, and +85°C, VCC=3.0V,
3.5V, and 5.5V
Freq 925MHz to 960MHz
1.4
1.7
dB
Freq 1805MHz to 1880MHz
1.7
2.0
dB
Freq 1930MHz to 1990MHz
1.7
2.0
dB
Ripple, ANT-RX1-4
Nominal conditions
Freq 869MHz to 894MHz
0.02
0.20
dB
Temp=+25°C, VCC=3.5V
Freq 925MHz to 960MHz
0.02
0.20
dB
Freq 1805MHz to 1880MHz
0.06
0.20
dB
Freq 1930MHz to 1990MHz
0.06
0.20
dB
Return Loss, ANT-RX1-2
Nominal conditions
Freq 869MHz to 894MHz
-22
-15
dB
Temp=+25°C, VCC=3.5V
Freq 925MHz to 960MHz
-22
-15
dB
Return Loss, ANT-RX3-4
Freq 1805MHz to 1880MHz
-14
-12
dB
Freq 1930MHz to 1990MHz
-14
-12
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com