Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431LAN/TR Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX431LAN/TR
Description  Precision Adjustable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431LAN/TR Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX431LAN/TR Datasheet HTML 4Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 5Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 6Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 7Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 8Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 9Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 10Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 11Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Date: 5/25/04
SPX431L Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation5
H
E
e
e1
D
D1
1
2
3
1.40
1.50
1.60
Dimensions in (mm)
3 PIN SOT-89
0.36
0.42
0.48
4.40
4.50
4.60
A
b1
C
D
H
E
L
MIN
NOM MAX
1.40
1.60
1.75
3.94
-
4.25
e
e1
Ø1.0
C
5º(2x)
bb1
b
Ro.15
8º(2x)
b
0.41
0.47
0.53
0.38
0.40
0.43
D1
1.45
1.50
1.55
2.90
3.00
3.10
2.40
2.50
2.60
0.80
-
1.20
L
3 PIN SOT-89
PACKAGE: 3 PIN SOT-89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com