Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX431LAN/TR Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX431LAN/TR
Description  Precision Adjustable Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX431LAN/TR Datasheet(HTML) 5 Page - Sipex Corporation

  SPX431LAN/TR Datasheet HTML 1Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 2Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 3Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 4Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 5Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 6Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 7Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 8Page - Sipex Corporation SPX431LAN/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Date: 5/25/04
SPX431L Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation5
TYPICAL PERFORMANCE CHARACTERISTICS
0
369
12 15
18
21
24
27 30
0
-10
-20
-30
-40
-50
VKA Cathode Voltage (V)
0°C
25°C
75°C
125°C
IKA = 10mA
Figure 9. Reference Voltage Line Regulation VS
Cathode Voltage and T
AMBIENT
10
100
1K
10K
100K
70
60
50
40
30
20
10
0
f Frecuency (Hz)
VKA = VREF
IK = 10mA
TA = 25°C
Figure 10. Noise Voltage VS Frequency
-60
-30
0
30
60
90
120
0.150
0.125
0.100
0.075
0.050
0.025
0.0
TA Free Air Temperature
VKA = VREF
IK = 1 to 100mA
f≤1kHz
Figure 11. Low Frequency Dynamic Output Impedance
VS T
AMBIENT
10
100
1K
10K
100K
1M
10M
START 10.000Hz
STOP 50 000 000.000Hz
REF LEVEL
60.000dB
0.0deg
/DIV
10.000dB
45.000deg
MARKER 25 297
MAG (A/R)
MARKER 25 297
PHASE (A/R)
698.000 Hz
-0.025 dB
698.000 Hz
93.320 deg
GAIN
PHASE
60dB
50dB
40dB
30dB
20dB
10dB
0dB
-10dB
-20dB
-30dB
-40dB
215°
180°
135°
90°
45°
0°
-45°
-90°
-135°
-180°
-215°
Figure 12. Small Signal Gain and Phase VS Frequency;
I
K = 10mA, TA = 25°C
IK
VIN
9µF
15kΩ
8.25kΩ
VOUT
GND
230Ω
Figure 13. Test Circuit for Gain and Phase Frequency
Response
VIN
VOUT
VIN
VOUT
Figure 14. F
Z = 100kHz, IK = 10mA, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com