Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX432AS/TR Datasheet(PDF) 11 Page - Sipex Corporation

Part # SPX432AS/TR
Description  1.24V Precision Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432AS/TR Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SPX432AS/TR Datasheet HTML 3Page - Sipex Corporation SPX432AS/TR Datasheet HTML 4Page - Sipex Corporation SPX432AS/TR Datasheet HTML 5Page - Sipex Corporation SPX432AS/TR Datasheet HTML 6Page - Sipex Corporation SPX432AS/TR Datasheet HTML 7Page - Sipex Corporation SPX432AS/TR Datasheet HTML 8Page - Sipex Corporation SPX432AS/TR Datasheet HTML 9Page - Sipex Corporation SPX432AS/TR Datasheet HTML 10Page - Sipex Corporation SPX432AS/TR Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Date: 12/11/04
SPX432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
PART NUMBER
ACC
OUTPUT VOLTAGE
PACKAGES
SPX432AM .......................... 0.5% .............. 1.24V .................................. 3-Pin SOT-23
SPX432AM/TR .................... 0.5% .............. 1.24V .................................. 3-Pin SOT-23
SPX432AS .......................... 0.5% .............. 1.24V ................................... 8-Pin NSOIC
SPX432AS/TR ..................... 0.5% .............. 1.24V ................................... 8-Pin NSOIC
SPX432AN .......................... 0.5% .............. 1.24V .................................... 3-Pin TO-92
SPX432AN/TR .................... 0.5% .............. 1.24V .................................... 3-Pin TO-92
SPX432M ............................ 1.0% .............. 1.24V .................................. 3-Pin SOT-23
SPX432M/TR ...................... 1.0% .............. 1.24V .................................. 3-Pin SOT-23
SPX432S ............................. 1.0% .............. 1.24V ................................... 8-Pin NSOIC
SPX432S/TR ....................... 1.0% .............. 1.24V ................................... 8-Pin NSOIC
SPX432N ............................. 1.0% .............. 1.24V .................................... 3-Pin TO-92
SPX432N/TR ....................... 1.0% .............. 1.24V .................................... 3-Pin TO-92
ORDERING INFORMATION
/TR = Tape and Reel
Pack quantity is 2,000 for TO-92 and 2500 for SOT-23 and NSOIC.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX432AM/TR = standard; SPX432AM-L/TR = lead free
PACKAGE PINOUTS
SOT-23-3 (M)
3
2
1
Top View
SPX432
Bottom View
TO-92 (N)
13
2
N/C
CATHODE
ANODE
REF
Top View
2
1
3
4
8
7
6
5
SPX432
8-Pin Surface Mount (S)
CATHODE
REF
ANODE
ANODE
ANODE
ANODE
N/C
CATHODE
ANODE
REF
CLICK HERE TO ORDER SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com