Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX432AS/TR Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX432AS/TR
Description  1.24V Precision Adjustable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX432AS/TR Datasheet(HTML) 3 Page - Sipex Corporation

  SPX432AS/TR Datasheet HTML 1Page - Sipex Corporation SPX432AS/TR Datasheet HTML 2Page - Sipex Corporation SPX432AS/TR Datasheet HTML 3Page - Sipex Corporation SPX432AS/TR Datasheet HTML 4Page - Sipex Corporation SPX432AS/TR Datasheet HTML 5Page - Sipex Corporation SPX432AS/TR Datasheet HTML 6Page - Sipex Corporation SPX432AS/TR Datasheet HTML 7Page - Sipex Corporation SPX432AS/TR Datasheet HTML 8Page - Sipex Corporation SPX432AS/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Date: 12/11/04
SPX432 1.24V Precision Adjustable Shunt Regulator
© Copyright 2004 Sipex Corporation
0
5000
ppm
0
0.5
%
27ppm/°C
0.0027% / °C
0.0033mV /°C
015
3045
60
75
90
105
0
mV
-5
∆T
∆VREF
Junction Temperature (°C)
VREF(mV)
TA
(
VREF at 25°C
)
TA
VREF
x 100
TC in % / °C =
TC in mV / °C =
(
VREF at 25°C
)
TA
VREF
x 106
TC in ppm / °C =
CALCULATION AVERAGE TEMPERATURE COEFICIENT (TC)
Figure 1. V
REF VS Temperature.
TEST CIRCUITS
IREF
VKA = VREF
VIN
IK
IREF
VKA
VIN
IK
(VREF)
R1
R2
VKA
VIN
IK (OFF)
Figure 2. Test Circuit for V
KA = VREF
Figure 3. Test Circuit for V
KA > VREF
Figure 4. Test Circuit for I
KOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com