Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6127EB Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6127EB
Description  Evaluation Board Manual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6127EB Datasheet(HTML) 8 Page - Sipex Corporation

  SP6127EB Datasheet HTML 1Page - Sipex Corporation SP6127EB Datasheet HTML 2Page - Sipex Corporation SP6127EB Datasheet HTML 3Page - Sipex Corporation SP6127EB Datasheet HTML 4Page - Sipex Corporation SP6127EB Datasheet HTML 5Page - Sipex Corporation SP6127EB Datasheet HTML 6Page - Sipex Corporation SP6127EB Datasheet HTML 7Page - Sipex Corporation SP6127EB Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Line
Ref.
Qty.
Manuf.
Manuf.
Layout
Component
Vendor
No.
Des.
Part Number
Size
Phone Number
1
PCB
1
Sipex
146-6641-00
1.175"x1.934"
SP6127EB
408-934-7500
2
U1
1
Sipex
SP6127EK1
TSOT-6
Non-synchronous Buck Controller
408-934-7500
3
Q1
1
Vishay Semi
Si2343DS
SOT-23
PFET, 30V, 86mOhm
402-563-6866
4
DS
1
On Semi
MBRA340T3
SMA
Schotkky, 40V, 3A
602-244-6600
5
L1
1
Vishay
IHLP2525CZ
6.86x6.47mm
3.3uH Coil 6A 30mOhm
914-347-2474
6
D1
1
MCC
1N4148WX
SOD323
Fast Switching Diode 500mW
818-701-4933
7
C1
1
MURATA
GRM21BR61E475K
0805
4.7 uF Ceramic X5R 25V
770-436-1300
8
C6
1
MURATA
GRM21BR60J226M
0805
22uF Ceramic X5R 6.3V
770-436-1300
9
C7
1
MURATA
GRM18ER61E104K
0603
0.1uF Ceramic X5R
770-436-1300
10
CZ
1
MURATA
GRM1885C1H330JA
0603
33pF Ceramic C0G 50V
770-436-1300
11
R1
1
VISHAY/DALE
CRCW0603200K
0603
200k
402-563-6866
12
R2
1
VISHAY/DALE
CRCW060344K2
0603
100k
402-563-6866
13
RZ
1
VISHAY/DALE
CRCW06037K15
0603
2.00k
402-563-6866
14
VIN, VOUT, GND,
GND, SHDN
5
Vector Electronic
K24C/M
.042 Dia
Test Point Post
800-344-4539
Table 2- SP6127EB List of Materials
DCR
Isat
Manufacturer
mOhms
(A)
LxW(mm) Ht.(mm)
Website
3.3
VISHAY
30.0
13.50
6.47x6.86
3.00 Shielded
www.vishay.com
ESR
Ripple Current
Voltage
Capacitor
Manufacturer
ohms (max)
(A) @20CDelta
LxW(mm) Ht.(mm)
(V)
Type
Website
4.7
GRM21BR61E475K
0.005
2.20
2x1.25
1.25
25.0
X5RCeramic www.murata.com
22
GRM21BR60J226M
0.005
3.50
2x1.25
1.25
6.3
X5RCeramic www.murata.com
MOSFETS- SURFACEMOUNT
RDS(on)
IDCurrent
Voltage
Foot Print
Manufacturer
ohms (max)
(A)
nC(Typ) nC(Max) (V)
Website
P-Ch
VISHAYSi2343DS
86.00
3.1
14.0
21.0
30.0
SOT-23
www.vishay.com
INDUCTORS- SURFACEMOUNT
CAPACITORS- SURFACEMOUNT
Capacitance(
uF)
Inductance
(uH)
Size
Inductor Type
Size
Capacitor Specification
Manufacturer/Part No.
Manufacturer/Part No.
Inductor Specification
MOSFET
Manufacturer/Part No.
MOSFETSpecification
Qg
Table 3- SP6127EB Suggested Components and Vendor Lists
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6127EB ..….........................− 40°C to +125°C...................SP6127 Evaluation Board
SP6127EK1............................ − 40°C to +125°C.......................................6-pin TSOT-6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com