Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6127EB Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6127EB
Description  Evaluation Board Manual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6127EB Datasheet(HTML) 6 Page - Sipex Corporation

  SP6127EB Datasheet HTML 1Page - Sipex Corporation SP6127EB Datasheet HTML 2Page - Sipex Corporation SP6127EB Datasheet HTML 3Page - Sipex Corporation SP6127EB Datasheet HTML 4Page - Sipex Corporation SP6127EB Datasheet HTML 5Page - Sipex Corporation SP6127EB Datasheet HTML 6Page - Sipex Corporation SP6127EB Datasheet HTML 7Page - Sipex Corporation SP6127EB Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
R1
200k, 1%
R2
SP6127
VFB
RZ2
200k
CZ2
130pF
CP1
2pF
Error Amplif ier
Vref =0.6V
Vout
RZ
CZ
Figure 9- RZ and CZ in conjunction with internal
compensation components form a Type-III compensation
Loop Compensation for the SP6127EB
L = 3.3uH, C = 22uF/5mOhm ceramic capacitor
From equation (2) fESRZERO = 1.45MHz. From equation (3) fDBPOLE = 18.7 kHz. Since the
condition specified in (1) is not met, Type-III compensation has to be used by adding
external components RZ and CZ. Using equation (4) CZ is calculated 34pF (use 33pF).
Following the guideline given in table 1, a 2kOhm RZ was used.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com