Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6136 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6136
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6136 Datasheet(HTML) 9 Page - Sipex Corporation

  SP6136 Datasheet HTML 1Page - Sipex Corporation SP6136 Datasheet HTML 2Page - Sipex Corporation SP6136 Datasheet HTML 3Page - Sipex Corporation SP6136 Datasheet HTML 4Page - Sipex Corporation SP6136 Datasheet HTML 5Page - Sipex Corporation SP6136 Datasheet HTML 6Page - Sipex Corporation SP6136 Datasheet HTML 7Page - Sipex Corporation SP6136 Datasheet HTML 8Page - Sipex Corporation SP6136 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev 5/01/06
SP6136 Evaluation Manual
Copyright © 2006 Sipex Corporation
Page 9 of 9
Figure 16. SP6136EB PCB Layout Inner Layer 1 & Inner Layer 2
Table 2: SP6136EB List of Materials
Line
Ref.
Qty.
Manuf.
Manuf.
Layout
Component
Vendor
No.
Des.
Part Number
Size
Phone Number
1
PCB
1
Sipex
146-6610-00
1.175"x1.934"
SP6136EB
978-667-7800
2
U1
1
Sipex
SP6136ER1
QFN-16
Synchronous Buck Controller
978-667-7800
3
MT
1
Vishay Semi
Si4354DY
SO-8
NFET, 30V, 18.5mOhm
402-563-6866
4
MB
1
Vishay Semi
Si4886DY
SO-8
NFET, 30V, 13.5mOhm
402-563-6867
5
L1
1
Inter-Technical
SC7232-2R2M
7.2x6.6mm
2.2uH Coil 13A 10.4mOhm
914-347-2474
6
DBST
1
Vishay Semi
SD101AWS
1.5x4.6mm
Schottky, 60V
402-563-6866
7
C1, CBST, CS
3
TDK
C1608X7R1C104K
0603
0.1 uF Ceramic X5R 16V
978-779-3111
8
CSP
1
TDK
C1608JB1H682K
0603
6.8nF Ceramic X5R 50V
978-779-3111
9
CIN
1
TDK
C3225X5R1C226M
1210
22uF Ceramic X5R 16V
978-779-3111
10
COUT
1
TDK
C3225X5R0J107M
1210
100uF Ceramic X5R 6.3V
978-779-3111
11
CVCC
1
TDK
C2012X5R1A475K
0805
4.7uF Ceramic X5R 10V
978-779-3111
12
C2
1
TDK
C1608X7R1E103J
0603
0.01uF Ceramic X7R 25V
978-779-3111
13
CSS
1
TDK
C1608X7R1E473K
0603
47nF Ceramic X7R 25V
978-779-3111
14
CP1
1
TDK
C1608CH1H120J
0603
12pF Ceramic COG 50V
978-779-3111
15
CZ2
1
TDK
C1608CH1H561J
0603
560pF Ceramic COG 25V
978-779-3111
16
CF1
1
TDK
C1608CH1H220J
0603
22pF Ceramic COG 50V
978-779-3111
17
CZ3
1
TDK
C1608CH1H271J
0603
270pF Ceramic COG 50V
978-779-3111
18
R1
1
Panasonic
ERJ-3EKF6812V
0603
68.1K Ohm Thick Film Res 1%
800-344-4539
19
R2
1
Panasonic
ERJ-3EKF2152V
0603
21.5K Ohm Thick Film Res 1%
800-344-4539
20
R3, R4
Not populated
21
R5
1
Panasonic
ERJ-3EKF1002V
0603
10.0K Ohm Thick Film Res 1%
800-344-4539
22
RZ2
1
Panasonic
ERJ-3EKF3092V
0603
30.9K Ohm Thick Film Res 1%
800-344-4540
23
RZ3
1
Panasonic
ERJ-3EKF1001V
0603
1K Thick Film Res 1%
800-344-4539
24
RS1, RS2
2
Panasonic
ERJ-3EKF5111V
0603
5.11K Ohm Thick Film Res 1%
800-344-4540
25
RS3
1
Panasonic
ERJ-3EKF2002V
0603
10K Ohm Thick Film Res 1%
800-344-4541
26
J1
1
Sullins
PTC36SAAN
.32x.12
36-Pin (3x12) Header
800-344-4539
27
(J1)
1
Sullins
STC02SYAN
.2x.1
Shunt
800-344-4539
28
VIN, VOUT, VCC,
GIN, GO, GND, SS,
PWRGD, UVIN
9
Vector Electronic
K24C/M
.042 Dia
Test Point Post
800-344-4539
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6136EB..…...........................− 40°C to +85°C.............……..SP6136 Evaluation Board
SP6136ER1............................. − 40°C to +85°C.....................................…….16-pin QFN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com