Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6136 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6136
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6136 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6136 Datasheet HTML 1Page - Sipex Corporation SP6136 Datasheet HTML 2Page - Sipex Corporation SP6136 Datasheet HTML 3Page - Sipex Corporation SP6136 Datasheet HTML 4Page - Sipex Corporation SP6136 Datasheet HTML 5Page - Sipex Corporation SP6136 Datasheet HTML 6Page - Sipex Corporation SP6136 Datasheet HTML 7Page - Sipex Corporation SP6136 Datasheet HTML 8Page - Sipex Corporation SP6136 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 5/01/06
SP6136 Evaluation Manual
Copyright © 2006 Sipex Corporation
SP6136EB SCHEMATIC
SS
GL
U1
SP6136
GL
1
GND
3
PGND
2
VFB
4
ISN
9
ISP
10
SWN
11
GH
12
DIEPAD
17
CF1
22pF
10V
RS3
10K1%
RS2
5.11k,1%
ISN
Inter-Technical SC7232-2R2
2.2uH, 10.4 mOhm
C2
0.01uF
SWN
VFB
J1
PTC36SAAN
1
2
3
12V
3.30V
0-7A
VCC
1
1
CP1
12pF
ISP
AGND
2
1
UVIN
3
1
PWRGD
4
EN
CSP
6.8nF
SS
5
DBST
R5
10.0k,1%
Ci
22uF
16V
1210
Co
100uF
CIN & COUT CERAMIC 1210 X5R
R3
NP
All resistors & capacitors size
0603 unless other wise specified
RZ3
1K 1%
6.3V
1210
R4
NP
CZ3
270pF
VIN
6
1
VOUT
7
1
C1
0.1uF
R1
68.1k,1%
GND
8
1
GND2
9
1
SD101AWS
CZ2
560pF
CBST
0.1uF
Note:
RZ2
30.9K,1%
R2
21.5k,1%
CSS
47nF
GH
RS1
5.11k,1%
CS
0.1uF
CVCC
4.7uF
MT
Si4354DY
18.5mOhm
6
4
2
1
3
5
7
8
MB
Si4886DY
13.5mOhm
6
4
2
1
3
5
7
8
VCC
SP6136 (7A MAX.)
Evaluation Board Manual
Easy Evaluation for the
SP6136ER1 12V Input, 0 to 7A
Output Synchronous Buck
Converter
Precision 0.80V ±1% High
Accuracy Reference
Small form factor
Feature Rich: Single supply operation, Over-
current protection with auto-restart, Power
Good Output, Enable input, Fast transient
response, Short Circuit Shutdown Protection,
Programmable soft start
TSSOP Package & SMT components for
small, low profile Power Supply


Similar Part No. - SP6136

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6136 SIPEX-SP6136 Datasheet
826Kb / 18P
Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
Synchronous Buck Controller
logo
Sipex Corporation
SP6136ER1 SIPEX-SP6136ER1 Datasheet
826Kb / 18P
Synchronous Buck Controller
logo
Exar Corporation
SP6136ER1 EXAR-SP6136ER1 Datasheet
846Kb / 18P
Synchronous Buck Controller
logo
Sipex Corporation
SP6136ER1/TR SIPEX-SP6136ER1/TR Datasheet
826Kb / 18P
Synchronous Buck Controller
More results

Similar Description - SP6136

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com