Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6651EB Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6651EB
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6651EB Datasheet(HTML) 3 Page - Sipex Corporation

  SP6651EB Datasheet HTML 1Page - Sipex Corporation SP6651EB Datasheet HTML 2Page - Sipex Corporation SP6651EB Datasheet HTML 3Page - Sipex Corporation SP6651EB Datasheet HTML 4Page - Sipex Corporation SP6651EB Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Table 2. SP6651EB BILL OF MATERIALS
Table 3. SP6651A PIN ASSIGNMENT
Pin
Name
Pin Description
Pin
NO.
PVin
Input voltage power pin. Inductor charging current passes
through this pin.
1
Vin
Internal supply voltage. Control circuitry powered from this
pin.
2
BLON
Open drain battery low output – need to pullup to supply
externally. Vin - Vout below threshold pulls this node to
ground. Vin - Vout above threshold, this node is open.
3
D1
Digital mode control input. See Table 1 for definition.
4
D0
Digital mode control input. See Table 1 for definition.
5
FB
External feedback network input connection. Connect a
resistor from FB to ground and FB to Vout to control the
output voltage. This pin regulates to the internal reference
voltage of 0.8V.
6
Vout
Output voltage sense pin. Used for internal timing and BLON
circuitry.
7
GND
Internal ground pin. Control circuitry returns current to this pin.
8
PGND
Power ground pin. Synchronous rectifier current returns
through this pin.
9
LX
Inductor switching node. Inductor tied between this pin and
the output capacitor to create Vout.
10
Component
Vo = 3.3V
Vo = 1.5V
L1
10uH, CDRH5D28-100, Sumida 10uH, CDRH5D28-100, Sumida
CIN
22uF, TDK C3225X5R0J226M
22uF, TDK C3225X5R0J226M
COUT
22uF, TDK C3225X5R0J226M
22uF, TDK C3225X5R0J226M
RVIN
10 Ohm 5%
10 Ohm 5%
CVIN
1uF ceramic X7R SM 0805
1uF ceramic X7R SM 0805
RI
261k 1%
261k 1%
RF
825k 1%
226k 1%
CF
22pF ceramic
22pF ceramic
U1
SP6651AEU
SP6651AEU



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com