Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6651EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6651EB
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6651EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6651EB Datasheet HTML 1Page - Sipex Corporation SP6651EB Datasheet HTML 2Page - Sipex Corporation SP6651EB Datasheet HTML 3Page - Sipex Corporation SP6651EB Datasheet HTML 4Page - Sipex Corporation SP6651EB Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
DESCRIPTION
The SP6651A Evaluation Board is designed to help the user evaluate the performance
of the SP6651A for use as a single Li-Ion battery Step-Down DC-DC Converter. The
SP6651A operates from 2.7V to 6.5V input, with the highest efficiency in the range 3.0V
to 4.2V where the Li-Ion battery has the most energy. The SP6651A evaluation board
is a complete power supply circuit to provide ease of evaluation for the DC/DC
Converter performance.
FIGURE 1. SP6651A 3.3V OUTPUT EVALUATION BOARD SCHEMATIC
High Efficiency Synchronous
Step-Down Converter with up to
98% efficiency
800mA Output Current, only
20uA Quiescent Current
2.7V-6.5V Input Voltage range,
Output Adjustable down to 0.8V
MSOP Package & Ceramic
Capacitors for small, low profile
Power Supply
Ideal for PDAs, Digital Cameras,
Wireless Modems, Cellular
Telephones
SP6651EB
Evaluation Board Manual
BLON
D0
CVIN
1.0uF
RVIN
10.0
SP6651A
U1
1
2
3
4
5
6
7
8
9
10
PVin
Vin
BLON
D1
D0
FB
Vout
GND
PGND
LX
3
J2
L1
10uH
CIN
22uF
1
1
2
CF
22pF
3
D1
RI
261K
COUT
22uF
Vout 3.3V 800mA
RF
825K
2
Vin 2.7 - 6.5VDC
J1


Similar Part No. - SP6651EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6651A SIPEX-SP6651A Datasheet
160Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Exar Corporation
SP6651A EXAR-SP6651A Datasheet
163Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6651AER SIPEX-SP6651AER Datasheet
160Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Exar Corporation
SP6651AER EXAR-SP6651AER Datasheet
163Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator
logo
Sipex Corporation
SP6651AER/TR SIPEX-SP6651AER/TR Datasheet
160Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
More results

Similar Description - SP6651EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com