Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6652LED Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6652LED
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652LED Datasheet(HTML) 1 Page - Sipex Corporation

  SP6652LED Datasheet HTML 1Page - Sipex Corporation SP6652LED Datasheet HTML 2Page - Sipex Corporation SP6652LED Datasheet HTML 3Page - Sipex Corporation SP6652LED Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Date: 05/15/06 RevA
SP6652LED Evaluation Board Manual
Copyright 2006 Sipex Corporation
DESCRIPTION AND BOARD SCHEMATIC
The SP6652LED Evaluation Board is a compact circuit that was built on SP6652 and can
provide a stable drive current for a 1W or 3W Luxeon type light source. The SP6652 is an
integrated synchronous buck regulator configured to provide constant output current for this
application. The evaluation board is a completely assembled and tested surface mount board
which provides easy probe access points to all SP6652 inputs and outputs so that the user can
quickly connect and measure electrical characteristics and waveforms.
3V to 5.5V Input Range
Accurate 350mA or 900mA Output
Current
High Efficiency
Small 10-Pin MSOP Package
1.2MHz Switching Frequency
Enables Small Components
Integrated Design with Minimal
Components.
Use 4 cell alkaline, NiCad, NiMH, or 1
cell Lithium Ion Battery or 3.3V or 5V
Logic supply
3
LMV321
1
3
4
+
-
OUT
2
2
Rb1
L1 4.7uH
Vref
Rb2
100mOhm
R2
140K
U2
R4 Open: 1W
R4 Short: 3W
R4
0
0.75V
COUT
10uF
SP6652
U1
1
2
3
4
5
6
7
8
9
10
PGND
SGND
FB
COMP
SD
MODE
SYNC
SVIN
PVIN
LX
CIN
10uF
R3
280K
RVIN
10.0
J1
R1
10K
5
SHDN
1W or 3W Luxeon
Cc
10nF
VOUT
VIN=3.0~5.5V
1
CVIN
1.0uF
Rz
100
SP6652LED
Evaluation Board Manual


Similar Part No. - SP6652LED

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6652LEDEB EXAR-SP6652LEDEB Datasheet
965Kb / 16P
1A, High Efficiency, Fixed 1.4 MHz
More results

Similar Description - SP6652LED

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
SP7680 SIPEX-SP7680_07 Datasheet
97Kb / 6P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com