Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6652LED Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6652LED
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652LED Datasheet(HTML) 2 Page - Sipex Corporation

  SP6652LED Datasheet HTML 1Page - Sipex Corporation SP6652LED Datasheet HTML 2Page - Sipex Corporation SP6652LED Datasheet HTML 3Page - Sipex Corporation SP6652LED Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Date: 05/15/06 RevA
SP6652LED Evaluation Board Manual
Copyright 2006 Sipex Corporation
Page 2 of 4
USING THE EVALUATION BOARD
1) Powering Up the SP6652LED Circuit
The SP6652LED Evaluation Board can be powered from 4 cell alkaline, NiCad, NiMH, or 1 cell
Lithium Ion Battery or 3.3V or 5V Logic supply. Connect with short leads directly to the “VIN”
and “GND” posts. Plug the 1W Luxeon I or 3W Luxeon III between the “VOUT” and “Vref” posts.
2) Using the J1 Jumper for ON/OFF Control
When the hat is put on 1 & 2 position, the SHDN pin is connected to Vin. When the hat is put on
2 & 3 position, the SHDN pin is tied to ground and the part will be in shutdown mode.
3) Select from 1W or 3W Application
The board was set up for 1W application as default. In this application, R4 was open. When the
customer need to use this board to drive Luxeon III, short R4 by using a 0 Ohm resistor.
POWER SUPPLY DATA
For the standard evaluation board, the following chart shows the efficiency data for different
applications.
SP6652LED 3 or 4 Cell to 1W LumiLEDs
70
75
80
85
90
95
100
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
6.0
Vin (V)
0
50
100
150
200
250
300
350
400
1W Efficiency
1W Iout
SP6652LED 3 or 4 Cell to 3W LumiLEDs
70
75
80
85
90
95
100
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
6.0
Vin (V)
0
100
200
300
400
500
600
700
800
900
1000
3W Efficiency
3W Iout
Fig. 1 Efficiency data of the SP6652LED evaluation board



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com